Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC641 Datasheet (PDF) - Hittite Microwave Corporation

HMC641 Datasheet PDF - Hittite Microwave Corporation
Part # HMC641
Download  HMC641 Download
File Size   169.48 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz

HMC641 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC641 Datasheet PDF - Hittite Microwave Corporation

Part # HMC641
Download  HMC641 Click to download

File Size   169.48 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz

HMC641 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC641

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC641A AD-HMC641A Datasheet
296Kb / 10P
0.1 GHz to 18 GHz, GaAs SP4T Switch
10/2018-Rev. C to Rev. D
HMC641A-SX AD-HMC641A-SX Datasheet
296Kb / 10P
0.1 GHz to 18 GHz, GaAs SP4T Switch
10/2018-Rev. C to Rev. D
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
8/2018-Rev. A to Rev. B
HMC641ALP4ETR AD-HMC641ALP4ETR Datasheet
518Kb / 11P
0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
8/2018-Rev. A to Rev. B
More results


Similar Description - HMC641

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC241LP3 HITTITE-HMC241LP3 Datasheet
276Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC344LC3 HITTITE-HMC344LC3 Datasheet
249Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3_06 Datasheet
307Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
logo
Analog Devices
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com