Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSZ009NE2LS5 Datasheet (PDF) - Infineon Technologies AG

BSZ009NE2LS5 Datasheet PDF - Infineon Technologies AG
Part # BSZ009NE2LS5
Download  BSZ009NE2LS5 Download
File Size   1064.64 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 5 Power-Transistor, 25 V

BSZ009NE2LS5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSZ009NE2LS5 Datasheet PDF - Infineon Technologies AG

Part # BSZ009NE2LS5
Download  BSZ009NE2LS5 Click to download

File Size   1064.64 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 5 Power-Transistor, 25 V

BSZ009NE2LS5 Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BSZ009NE2LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ010NE2LS5 INFINEON-BSZ010NE2LS5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.2,2020-05-12
BSZ011NE2LS5I INFINEON-BSZ011NE2LS5I Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 25 V
Rev.2.1,2020-10-23
BSZ013NE2LS5I INFINEON-BSZ013NE2LS5I Datasheet
1Mb / 12P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
BSZ013NE2LS5I INFINEON-BSZ013NE2LS5I_15 Datasheet
1Mb / 12P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
BSZ014NE2LS5IF INFINEON-BSZ014NE2LS5IF Datasheet
1Mb / 12P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2015-04-27
More results


Similar Description - BSZ009NE2LS5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ010NE2LS5 INFINEON-BSZ010NE2LS5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.2,2020-05-12
IQE006NE2LM5 INFINEON-IQE006NE2LM5 Datasheet
1Mb / 13P
OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-03-16
IQE006NE2LM5CG INFINEON-IQE006NE2LM5CG Datasheet
1Mb / 13P
OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-03-16
IQE006NE2LM5CGSC INFINEON-IQE006NE2LM5CGSC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 25 V
Rev. 2.0, 2022-04-28
IQE006NE2LM5SC INFINEON-IQE006NE2LM5SC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 25 V
Rev. 2.0, 2022-04-28
BSC030N10NS5SC INFINEON-BSC030N10NS5SC Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.1, 2022-10-07
IPA050N10NM5S INFINEON-IPA050N10NM5S Datasheet
1Mb / 10P
OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.1, 2019-08-28
ISC017N04NM5 INFINEON-ISC017N04NM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 40 V
Rev. 2.1, 2020-03-22
IQE022N06LM5 INFINEON-IQE022N06LM5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 60 V
Rev. 2.0, 2023-01-12
IQDH29NE2LM5CG INFINEON-IQDH29NE2LM5CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 25 V
Rev. 2.1, 2023-03-29
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com