Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQE006NE2LM5CGSC Datasheet (PDF) - Infineon Technologies AG

IQE006NE2LM5CGSC Datasheet PDF - Infineon Technologies AG
Part # IQE006NE2LM5CGSC
Download  IQE006NE2LM5CGSC Download
File Size   1582.19 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 5 Power-Transistor, 25 V

IQE006NE2LM5CGSC Datasheet (PDF)

Go To PDF Page Download Datasheet
IQE006NE2LM5CGSC Datasheet PDF - Infineon Technologies AG

Part # IQE006NE2LM5CGSC
Download  IQE006NE2LM5CGSC Click to download

File Size   1582.19 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 5 Power-Transistor, 25 V

IQE006NE2LM5CGSC Datasheet (HTML) - Infineon Technologies AG


IQE006NE2LM5CGSC Product details

Features
• Very low on-resistance RDS(on)
• 100% avalanche tested
• Superior thermal resistance
• N-channel, logic level
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - IQE006NE2LM5CGSC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IQE006NE2LM5CG INFINEON-IQE006NE2LM5CG Datasheet
1Mb / 13P
OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-03-16
More results


Similar Description - IQE006NE2LM5CGSC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC010NE2LSI INFINEON-BSC010NE2LSI_16 Datasheet
1Mb / 12P
OptiMOSTM Power-MOSFET, 25 V
Rev.2.4,2016-01-29
BSZ010NE2LS5 INFINEON-BSZ010NE2LS5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.2,2020-05-12
IQE006NE2LM5 INFINEON-IQE006NE2LM5 Datasheet
1Mb / 13P
OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-03-16
BSZ009NE2LS5 INFINEON-BSZ009NE2LS5 Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-05-12
IQE006NE2LM5CG INFINEON-IQE006NE2LM5CG Datasheet
1Mb / 13P
OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.1,2020-03-16
IPTG063N15NM5 INFINEON-IPTG063N15NM5 Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 150 V
Rev. 2.0, 2022-05-05
IQE006NE2LM5SC INFINEON-IQE006NE2LM5SC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 25 V
Rev. 2.0, 2022-04-28
IQE065N10NM5SC INFINEON-IQE065N10NM5SC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.0, 2022-05-02
IQD020N10NM5CG INFINEON-IQD020N10NM5CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.1, 2023-04-04
IQDH29NE2LM5CG INFINEON-IQDH29NE2LM5CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 5 Power-Transistor, 25 V
Rev. 2.1, 2023-03-29
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com