Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSZ024N04LS6 Datasheet (PDF) - Infineon Technologies AG

BSZ024N04LS6 Datasheet PDF - Infineon Technologies AG
Part # BSZ024N04LS6
Download  BSZ024N04LS6 Download
File Size   1382.46 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 6 Power-Transistor, 40 V

BSZ024N04LS6 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSZ024N04LS6 Datasheet PDF - Infineon Technologies AG

Part # BSZ024N04LS6
Download  BSZ024N04LS6 Click to download

File Size   1382.46 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM 6 Power-Transistor, 40 V

BSZ024N04LS6 Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BSZ024N04LS6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ021N04LS6 INFINEON-BSZ021N04LS6 Datasheet
1Mb / 11P
OptiMOSTM6 Power-Transistor, 40 V
Rev.2.3,2021-02-23
BSZ023N04LS INFINEON-BSZ023N04LS Datasheet
1,021Kb / 2P
New OptiMOS??40V and 60V
07 / 2012
BSZ025N04LS INFINEON-BSZ025N04LS Datasheet
1Mb / 12P
Optimized for synchronous rectification
Rev.2.1,2014-06-27
BSZ028N04LS INFINEON-BSZ028N04LS Datasheet
1Mb / 11P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
More results


Similar Description - BSZ024N04LS6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC007N04NM6 INFINEON-ISC007N04NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.0,2020-11-02
ISC010N04NM6 INFINEON-ISC010N04NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.0,2020-11-02
BSC010N04LS6 INFINEON-BSC010N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.2,2020-03-16
BSC007N04LS6 INFINEON-BSC007N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.2,2020-03-06
BSC059N04LS6 INFINEON-BSC059N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-07-22
BSC022N04LS6 INFINEON-BSC022N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-05-12
BSZ018N04LS6 INFINEON-BSZ018N04LS6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-03-31
BSC007N04LS6SC INFINEON-BSC007N04LS6SC Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2022-10-06
ISC012N04LM6 INFINEON-ISC012N04LM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2021-08-05
IQD005N04NM6CG INFINEON-IQD005N04NM6CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2023-03-29
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com