Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSZ028N04LS Datasheet (PDF) - Infineon Technologies AG

BSZ028N04LS Datasheet PDF - Infineon Technologies AG
Part # BSZ028N04LS
Download  BSZ028N04LS Download
File Size   1471.51 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM Power-MOSFET, 40 V

BSZ028N04LS Datasheet (PDF)

Go To PDF Page Download Datasheet
BSZ028N04LS Datasheet PDF - Infineon Technologies AG

Part # BSZ028N04LS
Download  BSZ028N04LS Click to download

File Size   1471.51 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM Power-MOSFET, 40 V

BSZ028N04LS Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - BSZ028N04LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ021N04LS6 INFINEON-BSZ021N04LS6 Datasheet
1Mb / 11P
OptiMOSTM6 Power-Transistor, 40 V
Rev.2.3,2021-02-23
BSZ023N04LS INFINEON-BSZ023N04LS Datasheet
1,021Kb / 2P
New OptiMOS??40V and 60V
07 / 2012
BSZ024N04LS6 INFINEON-BSZ024N04LS6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.2,2021-02-22
BSZ025N04LS INFINEON-BSZ025N04LS Datasheet
1Mb / 12P
Optimized for synchronous rectification
Rev.2.1,2014-06-27
More results


Similar Description - BSZ028N04LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC022N04LS INFINEON-BSC022N04LS Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-05-25
BSC014N04LSI INFINEON-BSC014N04LSI_16 Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.2,2016-05-04
BSC014N04LS INFINEON-BSC014N04LS_16 Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.4,2016-05-04
BSC010N04LSI INFINEON-BSC010N04LSI_16 Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.2,2016-05-04
BSC032N04LS INFINEON-BSC032N04LS Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
BSZ034N04LS INFINEON-BSZ034N04LS Datasheet
1Mb / 11P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2016-06-09
BSC010N04LST INFINEON-BSC010N04LST Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2017-10-30
BSC014N04LST INFINEON-BSC014N04LST Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.1,2017-10-30
IQE013N04LM6 INFINEON-IQE013N04LM6 Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 40 V
Rev.2.0,2020-07-15
BSC009N04LSSC INFINEON-BSC009N04LSSC Datasheet
1Mb / 11P
OptiMOSTM Power-MOSFET, 40 V
Rev. 2.1, 2022-10-06
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com