Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO2134A Datasheet (PDF) - RF Monolithics, Inc

RO2134A Datasheet PDF - RF Monolithics, Inc
Part # RO2134A
Download  RO2134A Download
File Size   98.46 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 372.5 MHz SAW Resonator

RO2134A Datasheet (PDF)

Go To PDF Page Download Datasheet
RO2134A Datasheet PDF - RF Monolithics, Inc

Part # RO2134A
Download  RO2134A Click to download

File Size   98.46 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 372.5 MHz SAW Resonator

RO2134A Datasheet (HTML) - RF Monolithics, Inc




Similar Part No. - RO2134A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2131D RFM-RO2131D Datasheet
97Kb / 2P
314.350 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2131D MURATA-RO2131D Datasheet
99Kb / 2P
314.350 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2135A RFM-RO2135A Datasheet
98Kb / 2P
319.508 MHz SAW Resonator
RO2136A RFM-RO2136A Datasheet
98Kb / 2P
432.920 MHz SAW Resonator
RO2138A RFM-RO2138A Datasheet
100Kb / 2P
407.300 MHz SAW Resonator
More results


Similar Description - RO2134A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3414E RFM-RF3414E Datasheet
63Kb / 2P
372.5 MHz SAW Filter
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3134A MURATA-RO3134A Datasheet
391Kb / 2P
372.5 MHz SAW Resonator
RF1414D MURATA-RF1414D Datasheet
71Kb / 2P
372.5 MHz SAW Filter
RF3414E MURATA-RF3414E Datasheet
63Kb / 2P
372.5 MHz SAW Filter
RO3134A MURATA-RO3134A Datasheet
177Kb / 2P
372.5 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TA0590A TAI-SAW-TA0590A Datasheet
293Kb / 6P
SAW Filter 372.5 MHz
TC0328A TAI-SAW-TC0328A Datasheet
267Kb / 6P
SAW Resonator 372.5 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com