Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO3134A Datasheet (PDF) - Murata Manufacturing Co., Ltd.

RO3134A Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # RO3134A
Download  RO3134A Download
File Size   177.08 Kbytes
Page   2 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 372.5 MHz SAW Resonator

RO3134A Datasheet (PDF)

Go To PDF Page Download Datasheet
RO3134A Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # RO3134A
Download  RO3134A Click to download

File Size   177.08 Kbytes
Page   2 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 372.5 MHz SAW Resonator

RO3134A Datasheet (HTML) - Murata Manufacturing Co., Ltd.




Similar Part No. - RO3134A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3134A MURATA-RO3134A Datasheet
391Kb / 2P
372.5 MHz SAW Resonator
More results


Similar Description - RO3134A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2134A RFM-RO2134A Datasheet
98Kb / 2P
372.5 MHz SAW Resonator
RF3414E RFM-RF3414E Datasheet
63Kb / 2P
372.5 MHz SAW Filter
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3134A MURATA-RO3134A Datasheet
391Kb / 2P
372.5 MHz SAW Resonator
RF1414D MURATA-RF1414D Datasheet
71Kb / 2P
372.5 MHz SAW Filter
RF3414E MURATA-RF3414E Datasheet
63Kb / 2P
372.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0590A TAI-SAW-TA0590A Datasheet
293Kb / 6P
SAW Filter 372.5 MHz
TC0328A TAI-SAW-TC0328A Datasheet
267Kb / 6P
SAW Resonator 372.5 MHz
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com