Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1113LP5E Datasheet (PDF) - Analog Devices

HMC1113LP5E Datasheet PDF - Analog Devices
Part # HMC1113LP5E
Download  HMC1113LP5E Download
File Size   615.05 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC i/q mi xer DOWNCONVER TER , 10 - 16 GHz

HMC1113LP5E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC1113LP5E Datasheet PDF - Analog Devices

Part # HMC1113LP5E
Download  HMC1113LP5E Click to download

File Size   615.05 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC i/q mi xer DOWNCONVER TER , 10 - 16 GHz

HMC1113LP5E Datasheet (HTML) - Analog Devices




Similar Part No. - HMC1113LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC1114 AD-HMC1114 Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
HMC1114LP5DE AD-HMC1114LP5DE Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
HMC1114LP5DETR AD-HMC1114LP5DETR Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
HMC1114PM5E AD-HMC1114PM5E Datasheet
668Kb / 17P
GaN Power Amplifier
9/2018-Revision 0
More results


Similar Description - HMC1113LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC522LC4 HITTITE-HMC522LC4 Datasheet
280Kb / 6P
GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC569LC5 HITTITE-HMC569LC5 Datasheet
228Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC869LC5 HITTITE-HMC869LC5_09 Datasheet
238Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
HMC522 HITTITE-HMC522_09 Datasheet
235Kb / 6P
GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC522LC4 HITTITE-HMC522LC4_09 Datasheet
207Kb / 6P
GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528LC4 HITTITE-HMC528LC4_09 Datasheet
207Kb / 6P
GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC869LC5 HITTITE-HMC869LC5_10 Datasheet
678Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com