Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1114 Datasheet (PDF) - Analog Devices

HMC1114 Datasheet PDF - Analog Devices
Part # HMC1114
Download  HMC1114 Download
File Size   483.2 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High output IP3: 44 dBm typical

HMC1114 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC1114 Datasheet PDF - Analog Devices

Part # HMC1114
Download  HMC1114 Click to download

File Size   483.2 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High output IP3: 44 dBm typical

HMC1114 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC1114

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1114PM5E AD-HMC1114PM5E Datasheet
668Kb / 17P
GaN Power Amplifier
9/2018-Revision 0
HMC1114PM5ETR AD-HMC1114PM5ETR Datasheet
668Kb / 17P
GaN Power Amplifier
9/2018-Revision 0
More results


Similar Description - HMC1114

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3503 PASTERNACK-PE15A3503 Datasheet
488Kb / 6P
High Gain Amplifier, 39 dBm IP3, 5 dB NF, SMA
PE15A3507 PASTERNACK-PE15A3507 Datasheet
479Kb / 6P
High Gain Amplifier, 39 dBm IP3, 6 dB NF, SMA
PE15A5028 PASTERNACK-PE15A5028 Datasheet
659Kb / 6P
IP3 48 dBm typ
PE15A5035F PASTERNACK-PE15A5035F Datasheet
454Kb / 4P
IP3 50 dBm typ
PE15A3264 PASTERNACK-PE15A3264 Datasheet
635Kb / 6P
IP3 34 dBm typ
PE15A5029 PASTERNACK-PE15A5029 Datasheet
668Kb / 7P
44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5029F PASTERNACK-PE15A5029F Datasheet
545Kb / 6P
44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
logo
BeRex Corporation
BCF240T BEREX-BCF240T Datasheet
404Kb / 6P
30.4 dBm Typical Output Power
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com