Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A3264 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE15A3264 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE15A3264
Download  PE15A3264 Download
File Size   635.76 Kbytes
Page   6 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description IP3 34 dBm typ

PE15A3264 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE15A3264 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE15A3264
Download  PE15A3264 Click to download

File Size   635.76 Kbytes
Page   6 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description IP3 34 dBm typ

PE15A3264 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE15A3264

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3260 PASTERNACK-PE15A3260 Datasheet
613Kb / 6P
Single DC Positive Supply
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
Gain 22 dB typ
PE15A3262 PASTERNACK-PE15A3262 Datasheet
497Kb / 6P
Gain 30 dB min
PE15A3263 PASTERNACK-PE15A3263 Datasheet
463Kb / 6P
15 dBm P1dB, 500 MHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, SMA
PE15A3265 PASTERNACK-PE15A3265 Datasheet
461Kb / 5P
2 GHz to 18 GHz Frequency Range
More results


Similar Description - PE15A3264

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECM168 WJCI-ECM168 Datasheet
115Kb / 3P
PHS 34 dBm 10V Module
ECM168 WJCI-ECM168_05 Datasheet
111Kb / 3P
PHS 34 dBm 10V Module
logo
Pasternack Enterprises,...
PE15A3507 PASTERNACK-PE15A3507 Datasheet
479Kb / 6P
High Gain Amplifier, 39 dBm IP3, 6 dB NF, SMA
PE15A5022 PASTERNACK-PE15A5022 Datasheet
560Kb / 7P
Linear Power 40 dBm typ
PE15A5028 PASTERNACK-PE15A5028 Datasheet
659Kb / 6P
IP3 48 dBm typ
PE15A5035F PASTERNACK-PE15A5035F Datasheet
454Kb / 4P
IP3 50 dBm typ
PE15A3009 PASTERNACK-PE15A3009 Datasheet
495Kb / 5P
Psat 28 dBm typ
PE15A1018 PASTERNACK-PE15A1018 Datasheet
431Kb / 6P
34 dBm IP3, 2.6 dB NF, 20 dBm P1dB, 500 MHz to 3 GHz, Low Noise Amplifier, 29 dB Gain, SMA
PE15A3269 PASTERNACK-PE15A3269 Datasheet
398Kb / 4P
3 dB NF, 14.5 dBm P1dB, 10 MHz to 6 GHz, Low Noise Broadband Amplifier, 34 dB Gain, 25.5 dBm IP3, SMA
logo
Analog Devices
HMC1114 AD-HMC1114 Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com