Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A3261 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE15A3261 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE15A3261
Download  PE15A3261 Download
File Size   525.63 Kbytes
Page   5 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Gain 22 dB typ

PE15A3261 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE15A3261 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE15A3261
Download  PE15A3261 Click to download

File Size   525.63 Kbytes
Page   5 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Gain 22 dB typ

PE15A3261 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE15A3261

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3260 PASTERNACK-PE15A3260 Datasheet
613Kb / 6P
Single DC Positive Supply
PE15A3262 PASTERNACK-PE15A3262 Datasheet
497Kb / 6P
Gain 30 dB min
PE15A3263 PASTERNACK-PE15A3263 Datasheet
463Kb / 6P
15 dBm P1dB, 500 MHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, SMA
PE15A3264 PASTERNACK-PE15A3264 Datasheet
635Kb / 6P
IP3 34 dBm typ
PE15A3265 PASTERNACK-PE15A3265 Datasheet
461Kb / 5P
2 GHz to 18 GHz Frequency Range
More results


Similar Description - PE15A3261

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY67 NXP-BGY67_01 Datasheet
55Kb / 8P
200 MHz, 22 dB gain reverse amplifier
2001 Oct 18
BGY587 NXP-BGY587_01 Datasheet
55Kb / 8P
550 MHz, 22 dB gain push-pull amplifier
2001 Nov 27
logo
Quanzhou Jinmei Electro...
BGY67_2015 JMNIC-BGY67_2015 Datasheet
55Kb / 8P
200 MHz, 22 dB gain reverse amplifier
BGY587_2015 JMNIC-BGY587_2015 Datasheet
55Kb / 8P
550 MHz, 22 dB gain push-pull amplifier
logo
Pasternack Enterprises,...
PE15A3500 PASTERNACK-PE15A3500 Datasheet
450Kb / 6P
Gain of 60 dB typ
PE15A3501 PASTERNACK-PE15A3501 Datasheet
460Kb / 5P
Gain of 30 dB typ
PE15A3502 PASTERNACK-PE15A3502 Datasheet
606Kb / 6P
Gain of 60 dB typ
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
Gain of 40 dB typ
logo
Quanzhou Jinmei Electro...
BGY67 JMNIC-BGY67_15 Datasheet
55Kb / 8P
200 MHz, 22 dB gain reverse amplifier
logo
NXP Semiconductors
BGY587 NXP-BGY587 Datasheet
101Kb / 8P
550 MHz, 22 dB gain push-pull amplifier
Rev. 5 - 20 September 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com