Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A3500 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE15A3500 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE15A3500
Download  PE15A3500 Download
File Size   450.77 Kbytes
Page   6 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Gain of 60 dB typ

PE15A3500 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE15A3500 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE15A3500
Download  PE15A3500 Click to download

File Size   450.77 Kbytes
Page   6 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Gain of 60 dB typ

PE15A3500 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE15A3500

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3500 PASTERNACK-PE15A3500_17 Datasheet
411Kb / 6P
TECHNICAL DATA SHEET
More results


Similar Description - PE15A3500

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CFY30 SIEMENS-CFY30 Datasheet
46Kb / 6P
GaAs FET (Low noise Fmin = 1.4 dB @ 4 GHz High gain 11.5 dB typ. @ 4 GHz)
logo
M/A-COM Technology Solu...
AN3014 MA-COM-AN3014 Datasheet
142Kb / 3P
Electrical Characterization of the MAAMSS0031 16 dB Gain Application Circuit
logo
Texas Instruments
TRF37A75 TI1-TRF37A75 Datasheet
1Mb / 20P
Gain Versions: 12 dB
logo
Pasternack Enterprises,...
PE15A3501 PASTERNACK-PE15A3501 Datasheet
460Kb / 5P
Gain of 30 dB typ
PE15A3502 PASTERNACK-PE15A3502 Datasheet
606Kb / 6P
Gain of 60 dB typ
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
Gain of 40 dB typ
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
Gain 22 dB typ
PE70A5001 PASTERNACK-PE70A5001 Datasheet
449Kb / 7P
Insertion Loss 5 dB Typ
PE70A6001 PASTERNACK-PE70A6001 Datasheet
470Kb / 8P
Insertion Loss 6 dB typ
logo
M/A-COM Technology Solu...
MAUC-010515 MA-COM-MAUC-010515 Datasheet
1Mb / 8P
11 dB Conversion Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com