Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFY30 Datasheet (PDF) - Siemens Semiconductor Group

CFY30 Datasheet PDF - Siemens Semiconductor Group
Part # CFY30
Download  CFY30 Download
File Size   46.64 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs FET (Low noise Fmin = 1.4 dB @ 4 GHz High gain 11.5 dB typ. @ 4 GHz)

CFY30 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFY30 Datasheet PDF - Siemens Semiconductor Group

Part # CFY30
Download  CFY30 Click to download

File Size   46.64 Kbytes
Page   6 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs FET (Low noise Fmin = 1.4 dB @ 4 GHz High gain 11.5 dB typ. @ 4 GHz)

CFY30 Datasheet (HTML) - Siemens Semiconductor Group


CFY30 Product details

GaAs FET

* Low noise ( Fmin = 1.4 dB @ 4 GHz )
* High gain ( 11.5 dB typ. @ 4 GHz )
* For oscillators up to 12 GHz
* For amplifiers up to 6 GHz
* Ion implanted planar structure
* Chip all gold metallization
* Chip nitride passivation




Similar Part No. - CFY30

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CFY35 SIEMENS-CFY35 Datasheet
33Kb / 4P
GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
CFY35-20 SIEMENS-CFY35-20 Datasheet
33Kb / 4P
GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
CFY35-23 SIEMENS-CFY35-23 Datasheet
33Kb / 4P
GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)
More results


Similar Description - CFY30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD1040HI NXP-CGD1040HI Datasheet
58Kb / 7P
1 GHz, 20 dB gain GaAs high output power doubler
Rev. 01-22 September 2009
CGD1044HI NXP-CGD1044HI Datasheet
59Kb / 7P
1 GHz, 25 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
logo
Pasternack Enterprises,...
PE15A1001 PASTERNACK-PE15A1001 Datasheet
466Kb / 6P
2 dB NF, 20 mW, 2 GHz to 4 GHz, Low Noise Amplifier
PE15A1002 PASTERNACK-PE15A1002 Datasheet
465Kb / 6P
2 dB NF, 20 mW, 4 GHz to 8 GHz, Low Noise Amplifier
PE15A1005 PASTERNACK-PE15A1005 Datasheet
678Kb / 6P
40 dB Gain, 1.5 dB NF, 15 dBm, 1.2 GHz to 1.4 GHz, Low Noise High Gain Amplifier
PE15A1006 PASTERNACK-PE15A1006 Datasheet
474Kb / 6P
40 dB Gain, 1.1 dB NF, 15 dBm, 3.1 GHz to 3.5 GHz, Low Noise High Gain Amplifier
PE15A1010 PASTERNACK-PE15A1010 Datasheet
406Kb / 3P
40 dB Gain, 0.9 dB NF, 14 dBm, 2 GHz to 6 GHz, Low Noise High Gain Amplifier
PE15A1023 PASTERNACK-PE15A1023 Datasheet
406Kb / 5P
1.5 dB NF, 10 dBm P1dB, 1.2 GHz to 1.4 GHz,Low Noise Amplifier, 25 dB Gain, SMA
PE15A1024 PASTERNACK-PE15A1024 Datasheet
407Kb / 5P
1.5 dB NF, 17 dBm P1dB, 1.2 GHz to 1.4 GHz,Low Noise Amplifier, 35 dB Gain, SMA
logo
Cree, Inc
CGHV60075D5 CREE-CGHV60075D5 Datasheet
662Kb / 7P
19 dB Typical Small Signal Gain at 4 GHz
Rev 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com