Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFY35 Datasheet (PDF) - Siemens Semiconductor Group

CFY35 Datasheet PDF - Siemens Semiconductor Group
Part # CFY35
Download  CFY35 Download
File Size   33.35 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)

CFY35 Datasheet (PDF)

Go To PDF Page Download Datasheet
CFY35 Datasheet PDF - Siemens Semiconductor Group

Part # CFY35
Download  CFY35 Click to download

File Size   33.35 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs FET (Low noise High gain For low-noise front end amplifiers For DBS down converters)

CFY35 Datasheet (HTML) - Siemens Semiconductor Group


CFY35 Product details

GaAs FET

* Low noise
* High gain
* For low-noise front end amplifiers
* For DBS down converters




Similar Part No. - CFY35

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CFY30 SIEMENS-CFY30 Datasheet
46Kb / 6P
GaAs FET (Low noise Fmin = 1.4 dB @ 4 GHz High gain 11.5 dB typ. @ 4 GHz)
More results


Similar Description - CFY35

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF1302 MITSUBISHI-MGF1302 Datasheet
211Kb / 5P
LOW NOISE GaAs FET
MGF1303B MITSUBISHI-MGF1303B Datasheet
175Kb / 4P
LOW NOISE GaAs FET?
MGF1403B MITSUBISHI-MGF1403B Datasheet
166Kb / 4P
LOW NOISE GaAs FET?
logo
Siemens Semiconductor G...
CFY25 SIEMENS-CFY25 Datasheet
158Kb / 6P
GaAs FET (Low noise High gain For front-end amplifiers lon-implanted planar structure All gold metallization)
CFY77 SIEMENS-CFY77 Datasheet
27Kb / 4P
AlGaAs / InGaAs HEMT (Very low noise Very high gain For low noise front end amplifiers up to 20 GHz For DBS down converters)
logo
Mitsumi Electronics, Co...
MGF1402B MITSUMI-MGF1402B Datasheet
141Kb / 5P
LOW NOISE GaAs FET
logo
Infineon Technologies A...
CFH77 INFINEON-CFH77 Datasheet
50Kb / 5P
GaAs HEMT For low noise front end amplifiers up to 20 GHz
03.00
logo
Mitsubishi Electric Sem...
MGF1302 MITSUBISHI-MGF1302_97 Datasheet
361Kb / 6P
LOW NOISE GaAs FET
MGF1403B MITSUBISHI-MGF1403B_1 Datasheet
317Kb / 5P
LOW NOISE GaAs FET?
logo
Infineon Technologies A...
BFP420H6327 INFINEON-BFP420H6327 Datasheet
542Kb / 9P
For high gain low noise amplifiers
2009-12-02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com