Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A5022 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE15A5022 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE15A5022
Download  PE15A5022 Download
File Size   560.5 Kbytes
Page   7 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Linear Power 40 dBm typ

PE15A5022 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE15A5022 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE15A5022
Download  PE15A5022 Click to download

File Size   560.5 Kbytes
Page   7 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Linear Power 40 dBm typ

PE15A5022 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE15A5022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5020 PASTERNACK-PE15A5020 Datasheet
807Kb / 8P
Unconditionally Stable
PE15A5021 PASTERNACK-PE15A5021 Datasheet
544Kb / 9P
43 dB Gain, 3 Watt P1dB, 14.4 GHz to 15.4 GHz, Medium Power High Gain Amplifier, 41 dBm IP3, SMA
PE15A5023 PASTERNACK-PE15A5023 Datasheet
700Kb / 7P
TECHNICAL DATA SHEET
PE15A5024 PASTERNACK-PE15A5024 Datasheet
538Kb / 5P
Unconditionally Stable
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
2 GHz to 6 GHz Frequency Range
More results


Similar Description - PE15A5022

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
REV 1
AWT6251 ANADIGICS-AWT6251 Datasheet
295Kb / 12P
PCS/WCDMA 3.4V/27.5 dBm Linear Power Amplifier Module
Rev 1.3
logo
Mini-Circuits
SYM-25DMHW MINI-SYM-25DMHW Datasheet
291Kb / 2P
Level 13 (LO Power 13 dBm) 40 to 2500 MHz
logo
Transcom, Inc.
TA053-059-41-40 TRANSCOM-TA053-059-41-40 Datasheet
16Kb / 1P
5.3 - 5.9 GHz 40 dBm Amplifier
logo
ANADIGICS, Inc
AWT6301R ANADIGICS-AWT6301R Datasheet
382Kb / 9P
Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
10/2008
logo
Pasternack Enterprises,...
PE15A5028 PASTERNACK-PE15A5028 Datasheet
659Kb / 6P
IP3 48 dBm typ
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
Gain of 40 dB typ
PE15A5035F PASTERNACK-PE15A5035F Datasheet
454Kb / 4P
IP3 50 dBm typ
PE15A3009 PASTERNACK-PE15A3009 Datasheet
495Kb / 5P
Psat 28 dBm typ
PE15A3264 PASTERNACK-PE15A3264 Datasheet
635Kb / 6P
IP3 34 dBm typ
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com