Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6104M5 Datasheet (PDF) - ANADIGICS, Inc

AWT6104M5 Datasheet PDF - ANADIGICS, Inc
Part # AWT6104M5
Download  AWT6104M5 Download
File Size   147.98 Kbytes
Page   4 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module

AWT6104M5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6104M5 Datasheet PDF - ANADIGICS, Inc

Part # AWT6104M5
Download  AWT6104M5 Click to download

File Size   147.98 Kbytes
Page   4 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module

AWT6104M5 Datasheet (HTML) - ANADIGICS, Inc


AWT6104M5 Product details

Description
The AWT6104 is a 3.5V power amplifier module for use in PCS TDMA wireless handsets and communication systems.

FEATURES
 • InGaP HBT Technology
 • High Efficiency 40% PCS
 • Low Leakage Current ( <25mA)
 • SMT Module Package
 • Small Foot Print (6mm X 6mm)
 • Low Profile (1.6mm)
 • 50 W Input and Output Matching
 • Low Quiescent Current (Icq 50mA Typ)
 • Shut Down & Mode Control

APPLICATIONS
 • PCS TDMA Handsets




Similar Part No. - AWT6104M5

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
EGSM/DCS/PCS Triple Band Power Amplifier Module
REV 2
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
REV 1
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
AWT6105M5 ANADIGICS-AWT6105M5 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
Rev 2.0
More results


Similar Description - AWT6104M5

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
REV 1
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
Rev 2.0
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 1.0
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 2.0
AWT6251 ANADIGICS-AWT6251 Datasheet
295Kb / 12P
PCS/WCDMA 3.4V/27.5 dBm Linear Power Amplifier Module
Rev 1.3
AWT6276R ANADIGICS-AWT6276R Datasheet
215Kb / 8P
HELP PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
Rev 1.4
logo
Skyworks Solutions Inc.
RM807 SKYWORKS-RM807 Datasheet
544Kb / 14P
Power Amplifier Module for TDMA PCS (1850-1910 MHz)
logo
ANADIGICS, Inc
AWT6276 ANADIGICS-AWT6276 Datasheet
432Kb / 8P
HELPTM PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
11/2008
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 2.0
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 2.0
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com