Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6102M2 Datasheet (PDF) - ANADIGICS, Inc

AWT6102M2 Datasheet PDF - ANADIGICS, Inc
Part # AWT6102M2
Download  AWT6102M2 Download
File Size   242.99 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description EGSM/DCS/PCS Triple Band Power Amplifier Module

AWT6102M2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6102M2 Datasheet PDF - ANADIGICS, Inc

Part # AWT6102M2
Download  AWT6102M2 Click to download

File Size   242.99 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description EGSM/DCS/PCS Triple Band Power Amplifier Module

AWT6102M2 Datasheet (HTML) - ANADIGICS, Inc


AWT6102M2 Product details

Description
The AWT6102 is a 3.5V power amplifier module for use in dual Mode GSM/DCS/PCS wireless handsets and communication systems.

FEATURES
 • InGaP HBT Technology
 • High Efficiency 55% GSM
 • High Efficiency 50% DCS
 • High Efficiency 45% PCS
 • Low Leakage Current ( <10mA)
 • SMT Module Package
 • Small Foot Print (9.2mm X 11.6mm)
 • Low Profile (1.55 mm)
 • 50 W Input and Output Matching
 • Minimum Number of External Components

APPLICATIONS
 • GSM/DCS Dual Band Handsets
 • GSM/PCS Dual Band Handsets
 • GSM/DCS/PCS Triple Band Handsets




Similar Part No. - AWT6102M2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
REV 1
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
REV 1
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
AWT6105M5 ANADIGICS-AWT6105M5 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
Rev 2.0
More results


Similar Description - AWT6102M2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
ANADIGICS, Inc
AWT6107 ANADIGICS-AWT6107 Datasheet
233Kb / 8P
EGSM/DCS Dual Band 3.5V GPRS Power Amplifier Module
REV 1
logo
Skyworks Solutions Inc.
CX77304-16 SKYWORKS-CX77304-16 Datasheet
1Mb / 18P
CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
logo
Agilent(Hewlett-Packard...
ACPM-7891 HP-ACPM-7891 Datasheet
218Kb / 23P
Agilent ACPM-7891 Tri-Band Power Amplifier Module EGSM, DCS and PCS Multi-slot GPRS
logo
RF Micro Devices
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_1 Datasheet
367Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
RF Micro Devices
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com