Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPM-7891 Datasheet (PDF) - Agilent(Hewlett-Packard)

ACPM-7891 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ACPM-7891
Download  ACPM-7891 Download
File Size   218.03 Kbytes
Page   23 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Agilent ACPM-7891 Tri-Band Power Amplifier Module EGSM, DCS and PCS Multi-slot GPRS

ACPM-7891 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPM-7891 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ACPM-7891
Download  ACPM-7891 Click to download

File Size   218.03 Kbytes
Page   23 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Agilent ACPM-7891 Tri-Band Power Amplifier Module EGSM, DCS and PCS Multi-slot GPRS

ACPM-7891 Datasheet (HTML) - Agilent(Hewlett-Packard)


ACPM-7891 Product details

Description

The ACPM-7891 is a fully matched tri-band EGSM/DCS/PCS power amplifier module designed on Agilent Technologies’ leading edge Enhancement Mode PHEMT (E-pHEMT) process.

The ACPM-7891 has the highest Power-added Efficiency (PAE) for all three bands of operation in the industry, enabling customers to design handset, PDA and data card with up to 15% longer transmit or talk time.



Features

• Highest Power Added Efficiency in the industry

• Performance guaranteed for GPRS Class 10 (2-Slot) transmit operation

• Broadband DCS/PCS match for flat Pout and PAE

• Low harmonics

• Single 3.5 Volt supply (nominal)

• 50 Ohms input & output impedance

• Small SMT package 6 x 12 x 1.4 mm



Applications

• Cellular handsets

• Data modules for PDA

• Data cards for laptops



 




Similar Part No. - ACPM-7891

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7800 AVAGO-ACPM-7800 Datasheet
201Kb / 3P
Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Broadcom Corporation.
ACPM-7800 BOARDCOM-ACPM-7800 Datasheet
201Kb / 3P
Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
CDMA/AMPS Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7813 AVAGO-ACPM-7813 Datasheet
217Kb / 20P
Dynamic bias control for low midpower Idd
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
CDMA/AMPS Power Amplifier Module
More results


Similar Description - ACPM-7891

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
TRI-BAND GSM/DCS/PCS LNA
22-Jan-2002
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
EGSM/DCS/PCS Triple Band Power Amplifier Module
REV 2
AWT6107 ANADIGICS-AWT6107 Datasheet
233Kb / 8P
EGSM/DCS Dual Band 3.5V GPRS Power Amplifier Module
REV 1
logo
Skyworks Solutions Inc.
CX77304-16 SKYWORKS-CX77304-16 Datasheet
1Mb / 18P
CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
66Kb / 2P
PA Module for Tri-Band EGSM / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
490Kb / 17P
PA Module for Tri-Band EGSM / GPRS
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
RF Micro Devices
RF3183 RFMD-RF3183 Datasheet
1Mb / 20P
QUAD-BAND/GSM850/EGSM900 /DCS/PCS/POWER AMPLIFIER MODULE
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com