Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6107 Datasheet (PDF) - ANADIGICS, Inc

AWT6107 Datasheet PDF - ANADIGICS, Inc
Part # AWT6107
Download  AWT6107 Download
File Size   233.77 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description EGSM/DCS Dual Band 3.5V GPRS Power Amplifier Module

AWT6107 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6107 Datasheet PDF - ANADIGICS, Inc

Part # AWT6107
Download  AWT6107 Click to download

File Size   233.77 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description EGSM/DCS Dual Band 3.5V GPRS Power Amplifier Module

AWT6107 Datasheet (HTML) - ANADIGICS, Inc


AWT6107 Product details

EGSM/DCS Dual Band 3.5V GPRS Power Amplifier Module

APPLICATIONS
● EGS/DCS Dual Band Handsets/PDA
● GPRS Class 10




Similar Part No. - AWT6107

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
EGSM/DCS/PCS Triple Band Power Amplifier Module
REV 2
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
REV 1
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
REV 1
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
AWT6105M5 ANADIGICS-AWT6105M5 Datasheet
414Kb / 16P
Cellular Dual Mode AMPS/CDMA
REV 1.2
More results


Similar Description - AWT6107

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3160 RFMD-RF3160 Datasheet
101Kb / 8P
DUAL-BAND GSM/DCS POWER AMP MODULE
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
EGSM/DCS/PCS Triple Band Power Amplifier Module
REV 2
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
Skyworks Solutions Inc.
CX77304-16 SKYWORKS-CX77304-16 Datasheet
1Mb / 18P
CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
logo
Agilent(Hewlett-Packard...
ACPM-7891 HP-ACPM-7891 Datasheet
218Kb / 23P
Agilent ACPM-7891 Tri-Band Power Amplifier Module EGSM, DCS and PCS Multi-slot GPRS
logo
Skyworks Solutions Inc.
SKY77321 SKYWORKS-SKY77321 Datasheet
66Kb / 2P
PA Module for Tri-Band EGSM / GPRS
logo
RF Micro Devices
RF3146D RFMD-RF3146D Datasheet
251Kb / 16P
DUAL-BAND GSM900/DCS POWER AMP MODULE
logo
Skyworks Solutions Inc.
SKY77321 SKYWORKS-SKY77321 Datasheet
490Kb / 17P
PA Module for Tri-Band EGSM / GPRS
logo
ANADIGICS, Inc
AWU6618 ANADIGICS-AWU6618 Datasheet
872Kb / 10P
HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module
Rev 2.5
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com