Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWU6618 Datasheet (PDF) - ANADIGICS, Inc

AWU6618 Datasheet PDF - ANADIGICS, Inc
Part # AWU6618
Download  AWU6618 Download
File Size   872.94 Kbytes
Page   10 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module

AWU6618 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWU6618 Datasheet PDF - ANADIGICS, Inc

Part # AWU6618
Download  AWU6618 Click to download

File Size   872.94 Kbytes
Page   10 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module

AWU6618 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWU6618

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6615 ANADIGICS-AWU6615 Datasheet
776Kb / 9P
HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
Rev 2.6
AWU6615RM47P9 ANADIGICS-AWU6615RM47P9 Datasheet
776Kb / 9P
HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
Rev 2.6
AWU6615RM47Q7 ANADIGICS-AWU6615RM47Q7 Datasheet
776Kb / 9P
HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
Rev 2.6
AWU6616 ANADIGICS-AWU6616 Datasheet
716Kb / 11P
HELP3E Dual-band 1 & 5, 6 CDMA/WCDMA 3.4 V Linear Power Amplifier Module
Rev 2.3
AWU6616P9 ANADIGICS-AWU6616P9 Datasheet
716Kb / 11P
HELP3E Dual-band 1 & 5, 6 CDMA/WCDMA 3.4 V Linear Power Amplifier Module
Rev 2.3
More results


Similar Description - AWU6618

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6252 ANADIGICS-AWT6252 Datasheet
152Kb / 8P
IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
Rev 1.3
AWT6277R ANADIGICS-AWT6277R Datasheet
282Kb / 8P
HELP IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
Rev 1.2
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6224R ANADIGICS-AWT6224R Datasheet
378Kb / 8P
HELP3TM Dual-band 900 MHz/IMT UMTS 3.4 V HSPA Linear Power Amplifier Module
Rev 2.2
AWT6275 ANADIGICS-AWT6275 Datasheet
413Kb / 8P
HELPTM IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R_08 Datasheet
429Kb / 8P
HELPTM IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
11/2008
ALT6725 ANADIGICS-ALT6725 Datasheet
881Kb / 13P
HELP3E Dual-band Cellular & PCS LTE 3.4 V Linear Power Amplifier Module
Rev 1.0
AWC6325 ANADIGICS-AWC6325 Datasheet
895Kb / 11P
HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 1.3
AWU6615 ANADIGICS-AWU6615 Datasheet
776Kb / 9P
HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
Rev 2.6
AWU6616 ANADIGICS-AWU6616 Datasheet
716Kb / 11P
HELP3E Dual-band 1 & 5, 6 CDMA/WCDMA 3.4 V Linear Power Amplifier Module
Rev 2.3
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com