Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC6325 Datasheet (PDF) - ANADIGICS, Inc

AWC6325 Datasheet PDF - ANADIGICS, Inc
Part # AWC6325
Download  AWC6325 Download
File Size   895.57 Kbytes
Page   11 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module

AWC6325 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWC6325 Datasheet PDF - ANADIGICS, Inc

Part # AWC6325
Download  AWC6325 Click to download

File Size   895.57 Kbytes
Page   11 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module

AWC6325 Datasheet (HTML) - ANADIGICS, Inc


AWC6325 Product details

PRODUCT DESCRIPTION

AWC6325 addresses the demand for increased integration in dual-band handsets for CDMA networks. The small footprint 3 mm x 5 mm x 0.9 mm surface mount RoHS compliant package contains independent RF PA paths to ensure optimal performance in both frequency bands in less board area than two single band PAs.



FEATURES

• InGaP HBT Technology

• High Efficiency:

• 37 % @ POUT = +28 dBm

• 20 % @ POUT = +16 dBm

• 10 % @ POUT = +10 dBm

• Low Quiescent Current: 4 mA

• Internal Voltage Regulation

• Built-in Directional Coupler

• Common VMODE Control Line

• Suitable for SMPS and average power tracking systems with variable supply voltages

• APT can reduce TS.09 average power consumption more than 25%

• Reduced External Component Count

• Thin Package: 0.9 mm

• RoHS Compliant Package, 260 oC MSL-3



APPLICATIONS

• Dual-band Wireless Handsets and Data Devices

for CDMA/EVDO networks:

• Cellular BC 0 and 10

• PCS BC 1 and 14



 




Similar Part No. - AWC6325

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 2.2
AWC6323RM47P9 ANADIGICS-AWC6323RM47P9 Datasheet
608Kb / 11P
HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 2.2
AWC6323RM47Q7 ANADIGICS-AWC6323RM47Q7 Datasheet
608Kb / 11P
HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 2.2
More results


Similar Description - AWC6325

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 1.1
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 1.2
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
10/2008
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 2.0
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 2.0
ALT6725 ANADIGICS-ALT6725 Datasheet
881Kb / 13P
HELP3E Dual-band Cellular & PCS LTE 3.4 V Linear Power Amplifier Module
Rev 1.0
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 2.2
AWT6221R ANADIGICS-AWT6221R_10 Datasheet
583Kb / 8P
HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWU6615 ANADIGICS-AWU6615 Datasheet
776Kb / 9P
HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
Rev 2.6
AWU6616 ANADIGICS-AWU6616 Datasheet
716Kb / 11P
HELP3E Dual-band 1 & 5, 6 CDMA/WCDMA 3.4 V Linear Power Amplifier Module
Rev 2.3
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com