Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC6325 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWC6325
Description  HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6325 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWC6325 Datasheet HTML 1Page - ANADIGICS, Inc AWC6325 Datasheet HTML 2Page - ANADIGICS, Inc AWC6325 Datasheet HTML 3Page - ANADIGICS, Inc AWC6325 Datasheet HTML 4Page - ANADIGICS, Inc AWC6325 Datasheet HTML 5Page - ANADIGICS, Inc AWC6325 Datasheet HTML 6Page - ANADIGICS, Inc AWC6325 Datasheet HTML 7Page - ANADIGICS, Inc AWC6325 Datasheet HTML 8Page - ANADIGICS, Inc AWC6325 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
05/2012
AWC6325
HELP3ETM Dual-band Cellular & PCS CDMA
3.4 V Linear Power Amplifier Module
PRELIMINARY DATA SHEET - Rev 1.3
FEATURES
• InGaP HBT Technology
• High Efficiency:
• 37 % @ POUT = +28 dBm
• 20 % @ POUT = +16 dBm
• 10 % @ POUT = +10 dBm
• Low Quiescent Current: 4 mA
• Internal Voltage Regulation
• Built-in Directional Coupler
• Common VMODE Control Line
• Suitable for SMPS and average power tracking
systems with variable supply voltages
• APT can reduce TS.09 average power
consumption more than 25%
• Reduced External Component Count
• Thin Package: 0.9 mm
• RoHS Compliant Package, 260 oC MSL-3
APPLICATIONS
• Dual-band Wireless Handsets and Data Devices
for CDMA/EVDO networks:
• Cellular BC 0 and 10
• PCS BC 1 and 14
PRODUCT DESCRIPTION
AWC6325 addresses the demand for increased
integration in dual-band handsets for CDMAnetworks.
The small footprint 3 mm x 5 mm x 0.9 mm surface
mount RoHS compliant package contains independent
RF PA paths to ensure optimal performance in both
frequency bands in less board area than two single
band PAs. The package pinout was chosen to enable
handset manufacturers to independently provide
bias to both power amplifiers and simplify control
with common mode pins. The AWC6325 is part of
ANADIGICS’ 3rd generation of High-Efficiency-at-
Low-Power (HELP3E™) family of power amplifiers,
which deliver low quiescent currents and significantly
greater efficiency through selectable bias modes for
high, medium and low power operation. TheAWC6325
is designed for use both with and without average
power tracking (APT). APT can be used to optimize
the Vcc level for the desired output power level
and linearity, which greatly reduces the total current
drawn from the battery. This feature, in conjunction
with selectable operating modes, enables significant
improvements in overall power added efficiency of
the AWC6325 across the entire dynamic range of
operating powers. APT requires use of an external
variable voltage supply (DC-DC converter), which is
used to provide the variable voltage to Vcc pad of the
amplifier. A low-leakage shutdown mode increases
standby time. This PA has built-in directional couplers
for each band, with a common coupler output port
CPL_OUT. The 3 mm x 5 mm x 0.9 mm surface mount
package incorporates matching networks optimized
for output power, efficiency and linearity in a 50 Ω
system. The device is manufactured on an advanced
InGaP HBT MMIC technology offering state-of-the-art
reliability, temperature stability, and ruggedness.
Figure 1: Block Diagram
VEN_CELL
VBATT
RFIN_CELL
RFOUT_CELL
VCCA
VMODE1
1
13
11
14
12
3
4
2
GND
VCC
5
6
10
9
Bias Control
Voltage Regulation
CPLOUT
RFOUT_PCS
VEN_PCS
RFIN_PCS
GND at Slug (pad)
8
7
VMODE2
GND
Bias Control
Voltage Regulation
CPL
CPL


Similar Part No. - AWC6325

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 2.2
AWC6323RM47P9 ANADIGICS-AWC6323RM47P9 Datasheet
608Kb / 11P
HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 2.2
AWC6323RM47Q7 ANADIGICS-AWC6323RM47Q7 Datasheet
608Kb / 11P
HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 2.2
More results

Similar Description - AWC6325

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6310R ANADIGICS-AWT6310R Datasheet
158Kb / 12P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 1.1
AWT6314R ANADIGICS-AWT6314R Datasheet
166Kb / 12P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 1.2
AWT6321 ANADIGICS-AWT6321 Datasheet
422Kb / 8P
HELP2TM Dual-band Cellular/PCS CDMA 3.4 V Linear Power Amplifier Module
10/2008
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 2.0
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 2.0
ALT6725 ANADIGICS-ALT6725 Datasheet
881Kb / 13P
HELP3E Dual-band Cellular & PCS LTE 3.4 V Linear Power Amplifier Module
Rev 1.0
AWC6323 ANADIGICS-AWC6323 Datasheet
608Kb / 11P
HELP3ETM Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
Rev 2.2
AWT6221R ANADIGICS-AWT6221R_10 Datasheet
583Kb / 8P
HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWU6615 ANADIGICS-AWU6615 Datasheet
776Kb / 9P
HELP3E Dual-band Cell & PCS WCDMA 3.4 V Linear Power Amplifier Module
Rev 2.6
AWU6616 ANADIGICS-AWU6616 Datasheet
716Kb / 11P
HELP3E Dual-band 1 & 5, 6 CDMA/WCDMA 3.4 V Linear Power Amplifier Module
Rev 2.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com