Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3160 Datasheet (PDF) - RF Micro Devices

RF3160 Datasheet PDF - RF Micro Devices
Part # RF3160
Download  RF3160 Download
File Size   101.47 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL-BAND GSM/DCS POWER AMP MODULE

RF3160 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3160 Datasheet PDF - RF Micro Devices

Part # RF3160
Download  RF3160 Click to download

File Size   101.47 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL-BAND GSM/DCS POWER AMP MODULE

RF3160 Datasheet (HTML) - RF Micro Devices


RF3160 Product details

Product Description
The RF3160 is a high-power, high-efficiency power amplifier module. The device is self-contained with 50Ω input and output terminals. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in GSM/DCS handheld digital cellular equipment and other applications in the 880MHz to 915MHz and 1710MHz to 1785MHz bands. On-board power control provides over 70dB of control range with an analog voltage input, and provides power down with a logic "low" for standby operation. The device is packaged in an ultra-small (9mmx11mm) LCC, minimizing the required board space.

Features
• Single 2.8V to 5.0V Supply Voltage
• +35.0dBm GSM Output Power at 3.2V
• +32.5dBm DCS Output Power at 3.2V
• 55% GSM and 50% DCS Efficiency
• Internal Band Select

Typical Applications
• 3V Dual-Band GSM/DCS Handsets
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• GPRS Compatible
• GSM, E-GSM and DCS Products




Similar Part No. - RF3160

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
RF316 SAMTEC-RF316 Datasheet
220Kb / 1P
Cable Assemblies
RF316 SAMTEC-RF316 Datasheet
156Kb / 1P
Cable Assemblies
Rev 01MAY21
RF316-01BJ1-01BJ1-0100 SAMTEC-RF316-01BJ1-01BJ1-0100 Datasheet
1Mb / 7P
RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
RF316-01BJ1-01BR1-0100 SAMTEC-RF316-01BJ1-01BR1-0100 Datasheet
1Mb / 7P
RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
RF316-01BJ1-01RP1-0100 SAMTEC-RF316-01BJ1-01RP1-0100 Datasheet
1Mb / 7P
RF316 OR RF-174 CABLE ASSEMBLY
09-10-2010
More results


Similar Description - RF3160

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3146D RFMD-RF3146D Datasheet
251Kb / 16P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D Datasheet
230Kb / 12P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3198 RFMD-RF3198 Datasheet
333Kb / 16P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D_1 Datasheet
365Kb / 14P
DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3108 RFMD-RF3108_1 Datasheet
367Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3133 RFMD-RF3133_05 Datasheet
200Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com