Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3110 Datasheet (PDF) - RF Micro Devices

RF3110 Datasheet PDF - RF Micro Devices
Part # RF3110
Download  RF3110 Download
File Size   198.16 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE

RF3110 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3110 Datasheet PDF - RF Micro Devices

Part # RF3110
Download  RF3110 Click to download

File Size   198.16 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE

RF3110 Datasheet (HTML) - RF Micro Devices


RF3110 Product details

Product Description

The RF3110 is a high-power, high-efficiency power amplifier module with integrated power control. The device is self-contained with 50Ω input and output terminals. The power control function is also incorporated, eliminating the need for directional couplers, detector diodes, power control ASICs and other power control circuitry; this allows the module to be driven directly from the DAC output.



Features

• Complete Power Control Solution

• Single 2.9V to 5.5V Supply Voltage

• +35dBm GSM Output Power at 3.5V

• +33dBm DCS/PCS Output Power at 3.5V

• 55% GSM and 55% DCS/PCS ηEFF

• 10mmx10mm Package Size



Typical Applications

• 3V Dual-Band GSM Handsets

• Commercial and Consumer Systems

• Portable Battery-Powered Equipment

• GSM, E-GSM and DCS/PCS Products

• GPRS Class 10 Compatible



 




Similar Part No. - RF3110

ManufacturerPart #DatasheetDescription
logo
Comark Instruments
RF311-T COMARK-RF311-T Datasheet
551Kb / 2P
Temperature Data Logger
logo
RF Micro Devices
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117PCBA RFMD-RF3117PCBA Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3118 RFMD-RF3118 Datasheet
116Kb / 6P
3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3118PCBA RFMD-RF3118PCBA Datasheet
116Kb / 6P
3V 1900MHZ LINEAR AMPLIFIER MODULE
More results


Similar Description - RF3110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
TRI-BAND GSM/DCS/PCS LNA
22-Jan-2002
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3160 RFMD-RF3160 Datasheet
101Kb / 8P
DUAL-BAND GSM/DCS POWER AMP MODULE
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
EGSM/DCS/PCS Triple Band Power Amplifier Module
REV 2
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3145 RFMD-RF3145 Datasheet
142Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3108 RFMD-RF3108_1 Datasheet
367Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3133 RFMD-RF3133_05 Datasheet
200Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com