Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3110 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3110
Description  TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3110 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3110 Datasheet HTML 1Page - RF Micro Devices RF3110 Datasheet HTML 2Page - RF Micro Devices RF3110 Datasheet HTML 3Page - RF Micro Devices RF3110 Datasheet HTML 4Page - RF Micro Devices RF3110 Datasheet HTML 5Page - RF Micro Devices RF3110 Datasheet HTML 6Page - RF Micro Devices RF3110 Datasheet HTML 7Page - RF Micro Devices RF3110 Datasheet HTML 8Page - RF Micro Devices RF3110 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ü
2-261
2
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
VCC OUT
DCS OUT
DCS IN
BAND SELECT
VREG
VRAMP
TX ENABLE
VBATT
GSM OUT
GSM IN
10
11
12
1
3
2
6
5
4
9
8
7
RF3110
TRIPLE-BAND GSM/DCS/PCS
POWER AMP MODULE
• 3V Dual-Band GSM Handsets
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• GSM, E-GSM and DCS/PCS Products
• GPRS Class 10 Compatible
The RF3110 is a high-power, high-efficiency power ampli-
fier module with integrated power control. The device is
self-contained with 50
Ω input and output terminals. The
power control function is also incorporated, eliminating
the need for directional couplers, detector diodes, power
control ASICs and other power control circuitry; this
allows the module to be driven directly from the DAC out-
put. The device is designed for use as the final RF ampli-
fier in GSM/DCS and PCS handheld digital cellular
equipment and other applications in the 880 MHz to
915MHz, 1710MHz to 1785MHz and 1850MHz to
1910 MHz bands. On-board power control provides over
35dB of control range with an analog voltage input; and,
power down with a logic “low” for standby operation.
• Complete Power Control Solution
• Single 2.9V to 5.5V Supply Voltage
• +35dBm GSM Output Power at 3.5V
• +33dBm DCS/PCS Output Power at 3.5V
• 55% GSM and 55% DCS/PCS
η
EFF
• 10mmx10mm Package Size
RF3110
Triple-Band GSM/DCS/PCS Power Amp Module
RF3110 PCBA
Fully Assembled Evaluation Board
2
Rev A0 010921
1.70
1.45
0.450
±0.075
9.600 TYP
8.800 TYP
8.200 TYP
7.400 TYP
6.800 TYP
6.000 TYP
5.400 TYP
4.600 TYP
4.000 TYP
3.200 TYP
2.600 TYP
1.800 TYP
1.200 TYP
0.400 TYP
0.000
1.245
4.075
5.925
8.747
0.306
Pin 1
10.00 ± 0.10
Pin 1
10.00 ± 0.10
Package Style: Module


Similar Part No. - RF3110

ManufacturerPart #DatasheetDescription
logo
Comark Instruments
RF311-T COMARK-RF311-T Datasheet
551Kb / 2P
Temperature Data Logger
logo
RF Micro Devices
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117PCBA RFMD-RF3117PCBA Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3118 RFMD-RF3118 Datasheet
116Kb / 6P
3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3118PCBA RFMD-RF3118PCBA Datasheet
116Kb / 6P
3V 1900MHZ LINEAR AMPLIFIER MODULE
More results

Similar Description - RF3110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
TRI-BAND GSM/DCS/PCS LNA
22-Jan-2002
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3160 RFMD-RF3160 Datasheet
101Kb / 8P
DUAL-BAND GSM/DCS POWER AMP MODULE
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
EGSM/DCS/PCS Triple Band Power Amplifier Module
REV 2
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3145 RFMD-RF3145 Datasheet
142Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3108 RFMD-RF3108_1 Datasheet
367Kb / 12P
TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3133 RFMD-RF3133_05 Datasheet
200Kb / 16P
QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com