Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3110 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF3110
Description  TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3110 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF3110 Datasheet HTML 4Page - RF Micro Devices RF3110 Datasheet HTML 5Page - RF Micro Devices RF3110 Datasheet HTML 6Page - RF Micro Devices RF3110 Datasheet HTML 7Page - RF Micro Devices RF3110 Datasheet HTML 8Page - RF Micro Devices RF3110 Datasheet HTML 9Page - RF Micro Devices RF3110 Datasheet HTML 10Page - RF Micro Devices RF3110 Datasheet HTML 11Page - RF Micro Devices RF3110 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Preliminary
2-270
RF3110
Rev A0 010921
2
Noise power in PA's where output power is controlled
by changing the bias voltage is often a problem when
backing off of output power. The reason is that the gain
is changed in all stages and according to the noise for-
mula (Equation 5),
(Eq. 5)
the noise figure depends on noise factor and gain in all
stages. Because the bias point of the RF3110 is kept
constant the gain in the first stage is always high and
the overall noise power is not increased when decreas-
ing output power.
Power control loop stability often presents many chal-
lenges to transmitter design. Designing a proper power
control loop involves trade-offs affecting stability, tran-
sient spectrum and burst timing.
In conventional architectures the PA gain (dB/ V) varies
across different power levels, and as a result the loop
bandwidth also varies. With some power amplifiers it is
possible for the PA gain (control slope) to change from
100dB/V to as high as 1000dB/V. The challenge in this
scenario is keeping the loop bandwidth wide enough to
meet the burst mask at low slope regions which often
causes instability at high slope regions.
The RF3110 loop bandwidth is determined by internal
bandwidth and the RF output load and does not
change with respect to power levels. This makes it eas-
ier to maintain loop stability with a high bandwidth loop
since the bias voltage and collector voltage do not vary.
An often overlooked problem in PA control loops is that
a delay not only decreases loop stability it also affects
the burst timing when, for instance the input power
from the VCO decreases (or increases) with respect to
temperature or supply voltage. The burst timing then
appears to shift to the right especially at low power lev-
els. The RF3110 is insensitive to a change in input
power and the burst timing is constant and requires no
software compensation.
Switching transients occur when the up and down
ramp of the burst is not smooth enough or suddenly
changes shape. If the control slope of a PA has an
inflection point within the output power range or if the
slope is simply to steep it is difficult to prevent switch-
ing transients. Controlling the output power by chang-
ing the collector voltage is as earlier described based
on the physical relationship between voltage swing and
output power. Furthermore all stages are kept con-
stantly biased so inflection points are nonexistent.
Harmonics are natural products of high efficiency
power amplifier design. An ideal class “E” saturated
power amplifier will produce a perfect square wave.
Looking at the Fourier transform of a square wave
reveals high harmonic content. Although this is com-
mon to all power amplifiers, there are other factors that
contribute to conducted harmonic content as well. With
most power control methods a peak power diode
detector is used to rectify and sense forward power.
Through the rectification process there is additional
squaring of the waveform resulting in higher harmon-
ics. The RF3110 address this by eliminating the need
for the detector diode. Therefore the harmonics com-
ing out of the PA should represent the maximum power
of the harmonics throughout the transmit chain. This is
based upon proper harmonic termination of the trans-
mit port. The receive port termination on the T/R switch
as well as the harmonic impedance from the switch
itself will have an impact on harmonics. Should a prob-
lem arise, these terminations should be explored.
The RF3110 incorporates many circuits that had previ-
ously been required external to the power amplifier.
The shaded area of the diagram below illustrates those
components and the following table itemizes a compar-
ison between the RF3110 Bill of Materials and a con-
ventional solution:
Note: Output power is limited by battery voltage. The
relationship in Equation 4 does not limit output power.
Equation 4 limits VRAMP to correspond with the battery
voltage.
F
TOT
F1
F21
–
G1
----------------
F31
–
G1 G2
⋅
-------------------
++
=
Component
Conventional
Solution
RF3110
Power Control ASIC
$0.80
N/A
Directional Coupler
$0.20
N/A
Buffer
$0.05
N/A
Attenuator
$0.05
N/A
Various Passives
$0.05
N/A
Mounting Yield
(other than PA)
$0.12
N/A
Total
$1.27
$0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com