Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3110 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3110
Description  TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3110 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3110 Datasheet HTML 1Page - RF Micro Devices RF3110 Datasheet HTML 2Page - RF Micro Devices RF3110 Datasheet HTML 3Page - RF Micro Devices RF3110 Datasheet HTML 4Page - RF Micro Devices RF3110 Datasheet HTML 5Page - RF Micro Devices RF3110 Datasheet HTML 6Page - RF Micro Devices RF3110 Datasheet HTML 7Page - RF Micro Devices RF3110 Datasheet HTML 8Page - RF Micro Devices RF3110 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary
2-262
RF3110
Rev A0 010921
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
VDC
Power Control Voltage (VRAMP)
-0.5 to +1.8
V
Input RF Power
+11.5
dBm
Duty Cycle at Max Power
37.5
%
Output Load VSWR
8:1
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (GSM Mode)
Temp= +25 °C, VCC=3.5V, VRAMP Max,
VRAMP=VRAMP Max, PIN=6dBm,
Freq= 880MHz to 915MHz, 12.5% Duty
Cycle, Pulse Width= 577
µs
Operating Frequency Range
880 to 915
MHz
Maximum Output Power
+34.5
35.0
dBm
Temp = 25°C, VCC=3.5V,
VRAMP=VRAMP Max
+32.0
dBm
Temp= +85 °C, VCC=2.9V,
VRAMP=VRAMP Max
Total Efficiency
55
%
At POUT,MAX,VCC=3.5V
Input Power Range
+4
+6
+8
dBm
Full output power guaranteed at minimum
drive level
Output Noise Power
-86
dBm
RBW= 100kHz, 925MHz to 935MHz,
POUT > +5dBm
-88
dBm
RBW= 100kHz, 935MHz to 960MHz,
POUT > +5dBm
Forward Isolation
-35
-30
dBm
TX_ENABLE= 0V, PIN= +8dBm
Second Harmonic
-15
-5
dBm
Third Harmonic
-30
-15
dBm
All other Non-Harmonic Spurious
-36
dBm
Input Impedance
50
Input VSWR
2.5:1
POUT,MAX-5dB<POUT<POUT,MAX
Output Load VSWR
8:1
Spurious<-36dBm, VRAMP =0.2V to 1.6V,
RBW= 3MHz
Output Load Impedance
50
Load impedance presented at RF OUT pad
Power Control VRAMP
Power Control “ON”
1.6
V
Max. POUT, Voltage supplied to the input
Power Control “OFF”
0.2
0.25
V
Min. POUT, Voltage supplied to the input
Power Control Range
35
dB
VRAMP=0.2V to 1.6V
VRAMP Input Capacitance
15
pF
DC to 2MHz
VRAMP Input Current
10
µAV
RAMP =1.6 V
Turn On/Off Time
4
µSV
RAMP =0 to 1.6V
Note: VRAMP Max=3/8*VBATT+0.18<1.6V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com