Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6102M2 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWT6102M2
Description  EGSM/DCS/PCS Triple Band Power Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6102M2 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWT6102M2 Datasheet HTML 1Page - ANADIGICS, Inc AWT6102M2 Datasheet HTML 2Page - ANADIGICS, Inc AWT6102M2 Datasheet HTML 3Page - ANADIGICS, Inc AWT6102M2 Datasheet HTML 4Page - ANADIGICS, Inc AWT6102M2 Datasheet HTML 5Page - ANADIGICS, Inc AWT6102M2 Datasheet HTML 6Page - ANADIGICS, Inc AWT6102M2 Datasheet HTML 7Page - ANADIGICS, Inc AWT6102M2 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AWT6102M2
Electrical Specifications EGSM:
(Unless otherwise specified: V
cc = 3.2V, Z
IN
= Z
OUT
=50
Ω System, T
C = 25 °C, pulsed operation with
577
µsec pulse width and 12.5% duty cycle)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Frequency
fo
880
-
915
MHz
Supply Voltage
V
CC
2.9
3.2
4.5
V
Control Voltage Range
V
APC
0.2
2.0
2.7
V
Power Control Current
I
APC
1
mA
Input Power
P
IN
8
10
12
dBm
Output Power
P
OUT
34.5
-
dBm
Power Added Efficiency
PAE
50
55
-
%
Degraded Output Power
V
CC
=2.9 V, V
APC
= 2.4V,
P
IN = 8dBm,
T
C= 85 °C
32
dBm
Isolation
V
APC
= 0.2V, P
IN
= 10 dBm
-25
-35
dBm
Harmonics (1)
2nd
3
rd
3fo to 12.750 GHz
-
-
-
-
-12
-15
-7
-7
-7
dBm
dBm
dBm
Stability: Load 8:1 VSWR
All phase angles
-
-
-70
dBc
Ruggedness: P
IN
= 12 dBm,
V
SUP=4.5V, VAPC= 0.2 - 2.8V
10:1 VSWR
All Phases
Leakage Current
V
APC=0V, VCC = 4.5V
No input power
-
10
-
A
Noise Power
925 to 935 MHz
935 to 960 MHz
-72
-84
dBm/100 KHz
dBm/100 KHz
Switching Time
V
APC on to 90% detected POUT
2
sec
Input VSWR
-
-
2:1
Output VSWR
2:1
µ
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com