Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6131 Datasheet (PDF) - ANADIGICS, Inc

AWT6131 Datasheet PDF - ANADIGICS, Inc
Part # AWT6131
Download  AWT6131 Download
File Size   206.36 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module

AWT6131 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6131 Datasheet PDF - ANADIGICS, Inc

Part # AWT6131
Download  AWT6131 Click to download

File Size   206.36 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module

AWT6131 Datasheet (HTML) - ANADIGICS, Inc


AWT6131 Product details

PRODUCT DESCRIPTION
The AWT6131 provides the additional output power margin RF designers need to overcome additional post-PA insertion loss in tri-mode handset designs supporting E911 (GPS enabled). The device is manufactured on an advanced InGaP HBT MMIC technology offering state-of-the-art reliability, temperature stability, and ruggedness. Selectable bias modes that optimize efficiency for different output power levels, and a shutdown mode with low leakage current, increase handset talk and standby time. The self-contained 4mm x 4mm surface mount package incorporates matching networks optimized for output power, efficiency, and linearity in a 50 Ω system.

FEATURES
• InGaP HBT Technology
• High Efficiency: 37%
• Low Quiescent Current: 50 mA
• Low Leakage Current in Shutdown Mode: <1 µA
• Optimized for a 50 Ω System
• Low Profile Miniature Surface Mount Package: 1.56mm Max
• CDMA 1XRTT Compliant
• CDMA 1xEV-DO Compliant

APPLICATIONS
• PCS CDMA Wireless Handsets
• Dual Band CDMA Wireless Handsets
• Tri Mode CDMA Handsets with GPS




Similar Part No. - AWT6131

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
REV 1.0
AWT6132R ANADIGICS-AWT6132R Datasheet
418Kb / 8P
415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.1
AWT6132RM5P8 ANADIGICS-AWT6132RM5P8 Datasheet
418Kb / 8P
415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.1
AWT6132RM5P9 ANADIGICS-AWT6132RM5P9 Datasheet
418Kb / 8P
415 MHz CDMA 3.4V/29.5dBm Linear Power Amplifier Module
Rev 2.1
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 2.0
More results


Similar Description - AWT6131

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
REV 1
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
REV 1.0
AWT6109 ANADIGICS-AWT6109 Datasheet
275Kb / 16P
KPCS CDMA 3.5V/28.5dBm Linear Power Amplifier Module
REV 2.2
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
Rev 2.0
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 2.0
AWT6274 ANADIGICS-AWT6274 Datasheet
278Kb / 8P
HELP PCS/WCDMA 3.4V/29dBm Linear Power Amplifier Module
Rev 1.8
AWT6308R ANADIGICS-AWT6308R Datasheet
176Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.0
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com