Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCF240T Datasheet (PDF) - BeRex Corporation

BCF240T Datasheet PDF - BeRex Corporation
Part # BCF240T
Download  BCF240T Download
File Size   404.9 Kbytes
Page   6 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 30.4 dBm Typical Output Power

BCF240T Datasheet (PDF)

Go To PDF Page Download Datasheet
BCF240T Datasheet PDF - BeRex Corporation

Part # BCF240T
Download  BCF240T Click to download

File Size   404.9 Kbytes
Page   6 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 30.4 dBm Typical Output Power

BCF240T Datasheet (HTML) - BeRex Corporation




Similar Part No. - BCF240T

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCF240T BEREX-BCF240T Datasheet
447Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF240T BEREX-BCF240T_18 Datasheet
447Kb / 6P
HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Similar Description - BCF240T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM7282 ETC1-TM7282 Datasheet
631Kb / 1P
RF Amplifier High Output Power: 21 dBm
logo
Texas Instruments
CC2590 TI-CC2590 Datasheet
497Kb / 16P
2.4-GHz RF Front End, 14-dBm output power
CC2590 TI-CC2590 Datasheet
664Kb / 18P
2.4-GHz RF Front End, 14-dBm output power
logo
API Technologies Corp
TML9004 APITECH-TML9004 Datasheet
612Kb / 1P
RF Limiting Amplifier Power Output (1 dB Comp.): 11 dBm
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641 Datasheet
210Kb / 15P
54mW typical power consumption
logo
Skyworks Solutions Inc.
SKY66109 SKYWORKS-SKY66109_11 Datasheet
555Kb / 14P
Integrated PA with up to plus 22.5 dBm output power
logo
Analog Devices
HMC5805A AD-HMC5805A Datasheet
775Kb / 10P
High P1dB Output Power: 24.5 dBm
HMC1114 AD-HMC1114 Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SMZ AVAGO-AFBR-703SMZ Datasheet
508Kb / 19P
Typical power dissipation 600mW
logo
Silicon Laboratories
BRD4100A SILABS-BRD4100A Datasheet
646Kb / 17P
Transmit power: 10.5 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com