Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC5805A Datasheet (PDF) - Analog Devices

HMC5805A Datasheet PDF - Analog Devices
Part # HMC5805A
Download  HMC5805A Download
File Size   775.48 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High P1dB Output Power: 24.5 dBm

HMC5805A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC5805A Datasheet PDF - Analog Devices

Part # HMC5805A
Download  HMC5805A Click to download

File Size   775.48 Kbytes
Page   10 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High P1dB Output Power: 24.5 dBm

HMC5805A Datasheet (HTML) - Analog Devices




Similar Part No. - HMC5805A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC5805ALS6 AD-HMC5805ALS6 Datasheet
955Kb / 10P
GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER DC
HMC5805ALS6TR AD-HMC5805ALS6TR Datasheet
955Kb / 10P
GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER DC
More results


Similar Description - HMC5805A

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5295 UMS-CHA5295 Datasheet
155Kb / 8P
24.5-26.5GHz High Power Amplifier
logo
List of Unclassifed Man...
TM7282 ETC1-TM7282 Datasheet
631Kb / 1P
RF Amplifier High Output Power: 21 dBm
logo
Tyco Electronics
MAAP-008171 MACOM-MAAP-008171 Datasheet
207Kb / 4P
High Power PHEMT 600 - 4000 MHz, 30 dBm Linear Pout, 10 watt P1dB
logo
United Monolithic Semic...
CHA5295 UMS-CHA5295_03 Datasheet
335Kb / 9P
24.5-26.5GHz High Power Amplifier
logo
Toshiba Semiconductor
TIM1414-7-252 TOSHIBA-TIM1414-7-252 Datasheet
255Kb / 4P
HIGH POWER P1dB=38.0 dBm at 13.75 GHz to 14.5 GHz
TIM1414-2-252 TOSHIBA-TIM1414-2-252 Datasheet
251Kb / 4P
HIGH POWER P1dB=33.0 dBm at 13.75 GHz to 14.5 GHz
TIM1414-8-252 TOSHIBA-TIM1414-8-252 Datasheet
164Kb / 4P
HIGH POWER P1dB=39.0 dBm at 13.75 GHz to 14.5 GHz
logo
Pasternack Enterprises,...
PE15A3014 PASTERNACK-PE15A3014 Datasheet
473Kb / 6P
P1dB 24 dBm min
PE15A3015 PASTERNACK-PE15A3015 Datasheet
472Kb / 6P
P1dB 24 dBm min
PE15A3024 PASTERNACK-PE15A3024 Datasheet
460Kb / 5P
24.5 dBm P1dB, 12.4 GHz to 26.5 GHz, Medium Power Broadband Amplifier, 35 dB Gain, 3 dB NF, SMA
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com