Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A3015 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE15A3015 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE15A3015
Download  PE15A3015 Download
File Size   472.7 Kbytes
Page   6 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description P1dB 24 dBm min

PE15A3015 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE15A3015 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE15A3015
Download  PE15A3015 Click to download

File Size   472.7 Kbytes
Page   6 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description P1dB 24 dBm min

PE15A3015 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE15A3015

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3014 PASTERNACK-PE15A3014 Datasheet
473Kb / 6P
P1dB 24 dBm min
PE15A3016 PASTERNACK-PE15A3016 Datasheet
450Kb / 4P
2 GHz to 8 GHz Frequency Range
PE15A3017 PASTERNACK-PE15A3017 Datasheet
460Kb / 5P
Gain 36 dB min
PE15A3018 PASTERNACK-PE15A3018 Datasheet
476Kb / 6P
6 GHz to 18 GHz Frequency Range
PE15A3019 PASTERNACK-PE15A3019 Datasheet
451Kb / 4P
6 GHz to 18 GHz Frequency Range
More results


Similar Description - PE15A3015

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
MMA701A AEROFLEX-MMA701A Datasheet
585Kb / 4P
24 dBm InGaP HBT Amplifier
logo
Transcom, Inc.
TM005-020-12-24 TRANSCOM-TM005-020-12-24 Datasheet
23Kb / 1P
0.5 - 2 GHz 24 dBm Module
TM020-040-18-24 TRANSCOM-TM020-040-18-24 Datasheet
23Kb / 1P
2 - 4 GHz 24 dBm Module
TM020-080-12-24 TRANSCOM-TM020-080-12-24 Datasheet
23Kb / 1P
2 ~ 8 GHz 24 dBm Module
logo
Toshiba Semiconductor
TIM1414-7-252 TOSHIBA-TIM1414-7-252 Datasheet
255Kb / 4P
HIGH POWER P1dB=38.0 dBm at 13.75 GHz to 14.5 GHz
TIM1414-2-252 TOSHIBA-TIM1414-2-252 Datasheet
251Kb / 4P
HIGH POWER P1dB=33.0 dBm at 13.75 GHz to 14.5 GHz
TIM1414-8-252 TOSHIBA-TIM1414-8-252 Datasheet
164Kb / 4P
HIGH POWER P1dB=39.0 dBm at 13.75 GHz to 14.5 GHz
logo
Pasternack Enterprises,...
PE15A3014 PASTERNACK-PE15A3014 Datasheet
473Kb / 6P
P1dB 24 dBm min
PE15A1028 PASTERNACK-PE15A1028 Datasheet
520Kb / 5P
40 dB Gain, 0.7 dB NF, 12 dBm P1dB, 1.2 GHz
logo
Analog Devices
HMC5805A AD-HMC5805A Datasheet
775Kb / 10P
High P1dB Output Power: 24.5 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com