Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6147ALC5A Datasheet (PDF) - Analog Devices

HMC6147ALC5A Datasheet PDF - Analog Devices
Part # HMC6147ALC5A
Download  HMC6147ALC5A Download
File Size   883.7 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC I/Q DOWNCONVERTER 37 - 44 GHz

HMC6147ALC5A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC6147ALC5A Datasheet PDF - Analog Devices

Part # HMC6147ALC5A
Download  HMC6147ALC5A Click to download

File Size   883.7 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC I/Q DOWNCONVERTER 37 - 44 GHz

HMC6147ALC5A Datasheet (HTML) - Analog Devices




Similar Part No. - HMC6147ALC5A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC6146BLC5A AD-HMC6146BLC5A Datasheet
1Mb / 12P
GaAs MMIC I/Q UPCONVERTER 40 - 44 GHz
More results


Similar Description - HMC6147ALC5A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC570 HITTITE-HMC570 Datasheet
331Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC572 HITTITE-HMC572 Datasheet
264Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC569LC5 HITTITE-HMC569LC5_08 Datasheet
247Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC951LP4E HITTITE-HMC951LP4E Datasheet
1Mb / 10P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC567LC5 HITTITE-HMC567LC5 Datasheet
246Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 7 - 9 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC569LC5 HITTITE-HMC569LC5_10 Datasheet
243Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
logo
Analog Devices
HMC570 AD-HMC570 Datasheet
421Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC6789BLC5A AD-HMC6789BLC5A Datasheet
1Mb / 24P
GaAs MMIC I/Q DOWNCONVERTER 37 - 44 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com