Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6505ALC5 Datasheet (PDF) - Analog Devices

HMC6505ALC5 Datasheet PDF - Analog Devices
Part # HMC6505ALC5
Download  HMC6505ALC5 Download
File Size   755.36 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter

HMC6505ALC5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC6505ALC5 Datasheet PDF - Analog Devices

Part # HMC6505ALC5
Download  HMC6505ALC5 Click to download

File Size   755.36 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.5 GHz to 8.6 GHz, GaAs, MMIC, I/Q Upconverter

HMC6505ALC5 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC6505ALC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC6505LC5 HITTITE-HMC6505LC5 Datasheet
1Mb / 18P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
More results


Similar Description - HMC6505ALC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC925LC5 HITTITE-HMC925LC5 Datasheet
1Mb / 10P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
HMC951LP4E HITTITE-HMC951LP4E Datasheet
1Mb / 10P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC6505LC5 HITTITE-HMC6505LC5 Datasheet
1Mb / 18P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
logo
Analog Devices
ADMV1011 AD-ADMV1011 Datasheet
607Kb / 26P
17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
2/2018-Rev. 0 to Rev. A
HMC7912 AD-HMC7912 Datasheet
552Kb / 24P
21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
HMC815B AD-HMC815B Datasheet
551Kb / 30P
21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
1/2018-Revision 0
HMC951A AD-HMC951A Datasheet
645Kb / 31P
5.6 GHz to 8.6 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. 0 to Rev. A
HMC951BLP4E AD-HMC951BLP4E Datasheet
1Mb / 16P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC7911 AD-HMC7911 Datasheet
497Kb / 24P
17.0 GHz to 20.0 GHz, GaAs, MMIC, I/Q Upconverter
4/2018-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com