Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1087A Datasheet (PDF) - RF Monolithics, Inc

SF1087A Datasheet PDF - RF Monolithics, Inc
Part # SF1087A
Download  SF1087A Download
File Size   71.04 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 208 MHz SAW Filter

SF1087A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1087A Datasheet PDF - RF Monolithics, Inc

Part # SF1087A
Download  SF1087A Click to download

File Size   71.04 Kbytes
Page   3 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 208 MHz SAW Filter

SF1087A Datasheet (HTML) - RF Monolithics, Inc


SF1087A Product details

208 MHz SAW Filter

• Designed for GSM BTS Transmitter IF Applications
• Low Insertion Loss
• Excellent Size-to-Performance Ratio
• Hermetic 13.3 x 6.5 mm Surface-Mount Case
• Unbalanced Input and Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF1087A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF108 GOOD-ARK-SF108 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
RF Monolithics, Inc
SF1080A RFM-SF1080A Datasheet
265Kb / 9P
499.25 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1080A MURATA-SF1080A Datasheet
150Kb / 3P
499.25 MHz SAW Filter
logo
RF Monolithics, Inc
SF1081A RFM-SF1081A Datasheet
513Kb / 15P
71.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1081A MURATA-SF1081A Datasheet
97Kb / 3P
71.00 MHz SAW Resonator
More results


Similar Description - SF1087A

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855885 TRIQUINT-855885 Datasheet
545Kb / 5P
208 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TriQuint Semiconductor
855885 TRIQUINT-855885_15 Datasheet
519Kb / 5P
208 MHz SAW Filter
856445 TRIQUINT-856445_15 Datasheet
546Kb / 5P
208 MHz SAW Filter
856496 TRIQUINT-856496_15 Datasheet
612Kb / 6P
208 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com