Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856445 Datasheet (PDF) - TriQuint Semiconductor

856445 Datasheet PDF - TriQuint Semiconductor
Part # 856445_15
Download  856445 Download
File Size   546.16 Kbytes
Page   5 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 208 MHz SAW Filter

856445 Datasheet (PDF)

Go To PDF Page Download Datasheet
856445 Datasheet PDF - TriQuint Semiconductor

Part # 856445_15
Download  856445 Click to download

File Size   546.16 Kbytes
Page   5 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 208 MHz SAW Filter

856445 Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - 856445_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856440 TRIQUINT-856440_15 Datasheet
517Kb / 5P
1176 MHz SAW Filter
856441 TRIQUINT-856441 Datasheet
525Kb / 6P
881.5 MHz SAW Filter
856444 TRIQUINT-856444_15 Datasheet
388Kb / 5P
125 MHz SAW Filter
856447 TRIQUINT-856447_15 Datasheet
378Kb / 5P
170.6 MHz SAW Filter
More results


Similar Description - 856445_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1087A RFM-SF1087A Datasheet
71Kb / 3P
208 MHz SAW Filter
logo
TriQuint Semiconductor
855885 TRIQUINT-855885 Datasheet
545Kb / 5P
208 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TriQuint Semiconductor
855885 TRIQUINT-855885_15 Datasheet
519Kb / 5P
208 MHz SAW Filter
856496 TRIQUINT-856496_15 Datasheet
612Kb / 6P
208 MHz SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com