Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

856445 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856445
Description  208 MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856445 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856445_15 Datasheet HTML 1Page - TriQuint Semiconductor 856445_15 Datasheet HTML 2Page - TriQuint Semiconductor 856445_15 Datasheet HTML 3Page - TriQuint Semiconductor 856445_15 Datasheet HTML 4Page - TriQuint Semiconductor 856445_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet
Part Number 856445
208 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
-10 to +85 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
208
-
MHz
Insertion Loss at Fo
4
5.88
7
dB
1 dB Lower Frequency
1 dB Upper Frequency
-
208.2
207.63
208.32
207.8
-
MHz
MHz
8 dB Lower Frequency
8 dB Upper Frequency
207.4
-
207.45
208.50
-
208.6
MHz
MHz
20 dB Lower Frequency
20 dB Upper Frequency
206.8
-
207.01
208.95
-
209.2
MHz
MHz
Amplitude Variation
207.8 - 208.2 MHz
-
0.32
1
dB p-p
Group Delay Variation
207.8 - 208.2 MHz
-
135
300
nsec
Absolute Delay
207.8 - 208.2 MHz
0.775
0.875
0.975
µsec
Absolute Attenuation
10 - 195 MHz
195.0 - 198.5 MHz
198.5 - 202.0 MHz
202.0 - 204.6 MHz
204.6 - 206.2 MHz
206.2 - 206.8 MHz
209.2 - 209.8 MHz
209.8 - 211.4 MHz
211.4 - 214.0 MHz
214.0 - 217.5 MHz
217.5 - 221.0 MHz
221.0 - 450.0 MHz
55
43
40
34
25
20
20
25
34
40
43
55
62
60
53
45
37
36
36
37
43
53
58
58
-
-
-
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Input/Output VSWR
207.8 - 208.2 MHz
-
1.53
2.3
-
Source Impedance (4)
-
50
-
Load Impedance (4)
-
50
-
Notes:
1.
All specifications are based on the test circuit on page 4
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
Subject to change or obsolescence without notice
Rev -
26-Jul-2005
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com