Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5436 Datasheet (PDF) - Maxim Integrated Products

MAX5436 Datasheet PDF - Maxim Integrated Products
Part # MAX5436
Download  MAX5436 Download
File Size   795.02 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15V, 128-Tap, Low-Drift Digital Potentiometers

MAX5436 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5436 Datasheet PDF - Maxim Integrated Products

Part # MAX5436
Download  MAX5436 Click to download

File Size   795.02 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15V, 128-Tap, Low-Drift Digital Potentiometers

MAX5436 Datasheet (HTML) - Maxim Integrated Products


MAX5436 Product details

General Description
The MAX5436–MAX5439 are 128-tap high-voltage (±5V to ±15V) digital potentiometers in packages that are half the size of comparable devices in 8-pin SO. They perform the same function as mechanical potentiometers, but replace the mechanics with a simple digital interface. The digital logic is powered by a separate single +2.7V to +5.25V supply voltage (VCC). The resistor string uses its own analog supplies (VDD and VSS) that require VDD - VSS to be greater than 9V and less than 31.5V. This allows for greater flexibility in voltage ranges that can be used with these devices. Examples of analog supply ranges include not only dual voltages of ±5V to ±15V, but single-supply voltages, such as +10V, +15V, +30V, -30V, and more, as long as the ranges of VDD - VSS and VCC - VSS are met.
The MAX5437/MAX5439 include an on-chip, high voltage, uncommitted amplifier, providing additional reductions in board space and cost. Other features include low 35ppm/°C end-to-end and 5ppm/°C ratio metric resistor temperature coefficients, a 3-wire SPI™/QSPI™/MICROWIRE™-compatible serial interface, and a power-on reset to midscale.
The MAX5436/MAX5438 are available in 10-pin µMAX packages. The MAX5437/MAX5439 are available in 14-pin TSSOP package. Each device is guaranteed over the extended temperature range of -40°C to +85°C.

Features
♦ +10V to +30V Single-Supply Operation
♦ -28V to -10V Single Negative Supply Operation
♦ ±5V to ±15V Dual-Supply Operation
♦ 128 Tap Positions
♦ Uncommitted High-Voltage Amplifier (MAX5437/MAX5439)
♦ Low Temperature Coefficient
   35ppm/°C (End-to-End)
   5ppm/°C (Ratiometric)
♦ Small-Footprint Packages
   10-Pin µMAX (MAX5436/MAX5438)
   14-Pin TSSOP (MAX5437/MAX5439)
♦ Glitchless Switching Between the Resistor Taps
♦ 3-Wire SPI/QSPI/MICROWIRE-Compatible Serial Interface
♦ 50kΩ/100kΩ End-to-End Resistances
♦ Power-On Reset: Wiper Goes to Midscale (Position 64)

Applications
   LCD Screen Contrast Adjustment
   Data-Acquisition Systems
   Mechanical Potentiometer Replacement
   Low-Drift Programmable Gain Amplifier
   Audio Volume Control




Similar Part No. - MAX5436

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX543 MAXIM-MAX543 Datasheet
441Kb / 12P
CMOS, 12-Bit, Seral-Input Multiplying DAC
Rev 1; 10/92
MAX5430 MAXIM-MAX5430 Datasheet
186Kb / 7P
/-15V Digitally Programmable Precision Voltage-Dividers for PGAs
Rev 1; 1/02
MAX5430AEKA MAXIM-MAX5430AEKA Datasheet
186Kb / 7P
/-15V Digitally Programmable Precision Voltage-Dividers for PGAs
Rev 1; 1/02
MAX5430BEKA MAXIM-MAX5430BEKA Datasheet
186Kb / 7P
/-15V Digitally Programmable Precision Voltage-Dividers for PGAs
Rev 1; 1/02
MAX5430CEKA MAXIM-MAX5430CEKA Datasheet
186Kb / 7P
/-15V Digitally Programmable Precision Voltage-Dividers for PGAs
Rev 1; 1/02
More results


Similar Description - MAX5436

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5400 MAXIM-MAX5400 Datasheet
250Kb / 8P
256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
MAX5402 MAXIM-MAX5402 Datasheet
208Kb / 9P
256-Tap, 關PoT, Low-Drift, Digital Potentiometer
Rev 0; 1/01
MAX5403 MAXIM-MAX5403 Datasheet
561Kb / 10P
Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
Rev 1; 4/01
MAX5413 MAXIM-MAX5413 Datasheet
532Kb / 11P
Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5460 MAXIM-MAX5460 Datasheet
264Kb / 10P
32-Tap FleaPoT?? 2-Wire Digital Potentiometers
Rev 2; 9/02
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5401EKA MAXIM-MAX5401EKA Datasheet
252Kb / 8P
Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
32-Tap Digital Potentiometers
logo
Maxim Integrated Produc...
MAX5403 MAXIM-MAX5403_V01 Datasheet
442Kb / 10P
Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com