Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5403 Datasheet (PDF) - Maxim Integrated Products

MAX5403 Datasheet PDF - Maxim Integrated Products
Part # MAX5403
Download  MAX5403 Download
File Size   561.68 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX

MAX5403 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5403 Datasheet PDF - Maxim Integrated Products

Part # MAX5403
Download  MAX5403 Click to download

File Size   561.68 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX

MAX5403 Datasheet (HTML) - Maxim Integrated Products


MAX5403 Product details

General Description
The MAX5403/MAX5404/MAX5405 is a family of dual linear taper digital potentiometers. Each device has one 3-terminal potentiometer and one 2-terminal variable resistor (Figure 1). The MAX5403/MAX5404/MAX5405 operate from +2.7V to +5.5V single-supply voltages and use an ultra-low supply current of 0.1µA. These devices also provide glitchless switching between resistors taps as well as a convenient power-on reset (POR) that sets the wiper to the midscale position at power-up. The potentiometer consists of a fixed resistor with a wiper contact that is digitally controlled through a 3-wire serial interface and has 256-tap points. It performs the same function as a discrete potentiometer or variable resistor.

Features
♦ 10-Pin µMAX Small Footprint Package
♦ 256-Tap Positions
♦ Ultra Low 0.1µA Supply Current
♦ +2.7V to +5.5V Single-Supply Operation
♦ Low End-To-End Temperature Coefficient:
   35ppm/°C
♦ Low Ratiometric Temperature Coefficient:
   5ppm/°C
♦ Power-On Reset: Wiper Goes to Midscale
   (Position 128)
♦ Glitchless Switching Between Resistor Taps
♦ 3-Wire SPI™ -Interface Compatible
♦ 10kΩ/50kΩ/100kΩ Resistor Values

Applications
   Mechanical Potentiometer Replacement
   Low-Drift Programmable Gain Amplifier (PGA)
   Volume Control
   LCD Screen Adjustment
   Adjustable Voltage Reference
   Programmable Filters, Delays, Time Constant
   Impedance Matching




Similar Part No. - MAX5403

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5403EUB MAXIM-MAX5403EUB Datasheet
442Kb / 10P
Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
MAX5403 MAXIM-MAX5403_V01 Datasheet
442Kb / 10P
Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
More results


Similar Description - MAX5403

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5400 MAXIM-MAX5400 Datasheet
250Kb / 8P
256-Tap SOT-PoT, Low-Drift Digital Potentiometers in SOT23
Rev 0; 10/00
MAX5402 MAXIM-MAX5402 Datasheet
208Kb / 9P
256-Tap, 關PoT, Low-Drift, Digital Potentiometer
Rev 0; 1/01
MAX5413 MAXIM-MAX5413 Datasheet
532Kb / 11P
Dual, 256-Tap, Low-Drift, Digital Potentiometers in 14-Pin TSSOP
Rev 0; 1/01
MAX5436 MAXIM-MAX5436 Datasheet
795Kb / 11P
짹15V, 128-Tap, Low-Drift Digital Potentiometers
Rev 3; 9/04
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5386 MAXIM-MAX5386_V01 Datasheet
1Mb / 13P
Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
2014
MAX5403 MAXIM-MAX5403_V01 Datasheet
442Kb / 10P
Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com