Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5432META Datasheet (PDF) - Maxim Integrated Products

MAX5432META Datasheet PDF - Maxim Integrated Products
Part # MAX5432META
Download  MAX5432META Download
File Size   371.03 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers

MAX5432META Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5432META Datasheet PDF - Maxim Integrated Products

Part # MAX5432META
Download  MAX5432META Click to download

File Size   371.03 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers

MAX5432META Datasheet (HTML) - Maxim Integrated Products


MAX5432META Product details

General Description

The MAX5432–MAX5435 nonvolatile, linear-taper, digital potentiometers perform the function of a mechanical potentiometer, but replace the mechanics with a simple 2-wire serial interface. Each device performs the same function as a discrete potentiometer or a variable resistor and has 32 tap points.



Features

♦ Tiny 3mm x 3mm 8-Pin TDFN and 6-Pin Thin SOT23 Packages

♦ Power-On Recall of Wiper Position from Nonvolatile Memory

♦ 35ppm/°C End-to-End Resistance Temperature Coefficient

♦ 5ppm/°C Ratiometric Temperature Coefficient

♦ 50kΩ/100kΩ Resistor Values

♦ Fast 400kbps I2C-Compatible Serial Interface

♦ 500nA (typ) Static Supply Current

♦ +2.7V to +5.25V Single-Supply Operation

♦ 32 Tap Positions

♦ ±0.15 LSB INL (typ), ±0.15 LSB DNL (typ)



Applications

Mechanical Potentiometer Replacement

Low-Drift Programmable-Gain Amplifiers

Volume Control

Liquid-Crystal Display (LCD) Screen Adjustment




Similar Part No. - MAX5432META

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5432META+ MAXIM-MAX5432META+ Datasheet
320Kb / 19P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
More results


Similar Description - MAX5432META

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
32-Tap Digital Potentiometers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com