Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX649 Datasheet (PDF) - Maxim Integrated Products

MAX649 Datasheet PDF - Maxim Integrated Products
Part # MAX649
Download  MAX649 Download
File Size   87.7 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit

MAX649 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX649 Datasheet PDF - Maxim Integrated Products

Part # MAX649
Download  MAX649 Click to download

File Size   87.7 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit

MAX649 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX649

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX649 MAXIM-MAX649 Datasheet
266Kb / 16P
5V/3.3V/3V or Adjustable, High-Efficiency,
Rev 3; 9/97
MAX649-MAX652 MAXIM-MAX649-MAX652 Datasheet
266Kb / 16P
5V/3.3V/3V or Adjustable, High-Efficiency,
Rev 3; 9/97
MAX6495 MAXIM-MAX6495 Datasheet
359Kb / 16P
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6495 MAXIM-MAX6495 Datasheet
215Kb / 16P
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 7; 8/09
MAX6495 MAXIM-MAX6495 Datasheet
216Kb / 16P
72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 9; 2/12
More results


Similar Description - MAX649

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM21212-1 NSC-LM21212-1 Datasheet
1Mb / 10P
evaluation board provides a solution to examine the high efficiency
LM21212-2 NSC-LM21212-2 Datasheet
1Mb / 10P
Evaluation Board provides a solution to examine the high efficiency
logo
TEXAS ADVANCED OPTOELEC...
DS125BR800AEVM TAOS-DS125BR800AEVM Datasheet
708Kb / 18P
SMA evaluation kit provides a complete high band-width platform to evaluate the signal integrity
LMK61E2EVM TAOS-LMK61E2EVM Datasheet
1Mb / 27P
evaluation module provides a complete evaluation platform to evaluate the clock performance
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
Output voltage adjustable from 5V to 30V
logo
Maxim Integrated Produc...
MAX15118EVKIT MAXIM-MAX15118EVKIT Datasheet
1Mb / 8P
Operates from a 2.7V to 5.5V Input Supply
2012
MAX15112EVKIT MAXIM-MAX15112EVKIT Datasheet
806Kb / 8P
Operates from a 2.7V to 5.5V Input Supply
Rev 1; 9/12
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
MAXM17536EVKIT MAXIM-MAXM17536EVKIT Datasheet
834Kb / 11P
MAXM17536 5V Output Evaluation Kit
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com