Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX649 Datasheet (PDF) - Maxim Integrated Products

MAX649 Datasheet PDF - Maxim Integrated Products
Part # MAX649
Download  MAX649 Download
File Size   266.68 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/3.3V/3V or Adjustable, High-Efficiency,

MAX649 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX649 Datasheet PDF - Maxim Integrated Products

Part # MAX649
Download  MAX649 Click to download

File Size   266.68 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 5V/3.3V/3V or Adjustable, High-Efficiency,

MAX649 Datasheet (HTML) - Maxim Integrated Products


MAX649 Product details

General Description
The MAX649/MAX651/MAX652 BiCMOS, step-down DC-DC switching controllers provide high efficiency over three decades of load current. A unique, current-limited pulse-frequency-modulated (PFM) control scheme gives these devices the benefits of pulse-width-modulation (PWM) converters (high efficiency at heavy loads), while using only 100µA of supply current (vs. 2mA to 10mA for PWM converters). The result is high efficiency over loads ranging from 10mA to more than 2.5A.
These devices use miniature external components. Their high switching frequency (up to 300kHz) allows for less than 9mm diameter surface-mount inductors.
The MAX649/MAX651/MAX652 have dropout voltages less than 1V and accept input voltages up to 16.5V. Output voltages are preset at 5V (MAX649), 3.3V (MAX651), and 3V (MAX652). These controllers can also be adjusted to any voltage from 1.5V to the input voltage by using two resistors.
These step-down controllers drive external P-channel MOSFETs at loads greater than 10W. If less power is required, use the MAX639/MAX640/MAX653 step-down converters with on-chip FETs, which allow up to a 225mA load current.

Features
♦ More than 90% Efficiency (10mA to 1.5A Loads)
♦ More than 12.5W Output Power
♦ 100µA Max Quiescent Supply Current
♦ 5µA Max Shutdown Supply Current
♦ Less than 1.0V Dropout Voltage
♦ 16.5V Max Input Voltage
♦ 5V (MAX649), 3.3V (MAX651), 3V (MAX652), or Adjustable Output Voltage
♦ Current-Limited Control Scheme
♦ Up to 300kHz Switching Frequency

Applications
   5V-to-3.3V Green PC Applications
   High-Efficiency Step-Down Regulation
   Minimum-Component DC-DC Converters
   Battery-Powered Applications




Similar Part No. - MAX649

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX649 MAXIM-MAX649 Datasheet
87Kb / 4P
provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit
Rev 1; 11/07
MAX6495 MAXIM-MAX6495 Datasheet
359Kb / 16P
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6495 MAXIM-MAX6495 Datasheet
215Kb / 16P
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 7; 8/09
MAX6495 MAXIM-MAX6495 Datasheet
216Kb / 16P
72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 9; 2/12
MAX6495 MAXIM-MAX6495 Datasheet
201Kb / 16P
72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
More results


Similar Description - MAX649

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ5Z3 SEMTECH-EZ5Z3 Datasheet
137Kb / 5P
1A 5V to 3.3V or Adjustable Output EZ DROPPER
EZ5Z3L SEMTECH-EZ5Z3L Datasheet
149Kb / 5P
250mA 5V to 3.3V or Adjustable Output EZ DROPPER?
logo
Maxim Integrated Produc...
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
-5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX25206EVKIT MAXIM-MAX25206EVKIT Datasheet
792Kb / 7P
Output Voltage: 5V or 3.3V Fixed or Adjustable between 0.7V to 20V
Rev 2; 1/21
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com