| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
IPD050N10N5
|
972Kb / 11P |
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2017-01-17 |
|
IST011N06NM5
|
1Mb / 11P |
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2020-11-23 |
|
ISC009N06LM5
|
933Kb / 11P |
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-08 |
|
ISC0702NLS
|
1Mb / 11P |
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-08 |
|
ISZ034N06LM5
|
1Mb / 11P |
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-12 |
|
ISZ0702NLS
|
1Mb / 11P |
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-15 |
|
ISZ0703NLS
|
1Mb / 11P |
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-12 |
|
BSC012N06NS
|
906Kb / 11P |
OptiMOSTM5 Power-Transistor, 60 V
Rev. 2.3, 2020-02-28 |
|
ISC010N06NM5
|
988Kb / 11P |
OptiMOSTM5 Power-Transistor, 60 V
Rev. 2.0, 2021-08-27 |
|
IPT009N06NM5
|
884Kb / 11P |
MOSFET OptiMOSTM5 Power-Transistor, 60 V
Rev. 2.0, 2023-03-27 |