Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC010N06NM5 Datasheet (PDF) - Infineon Technologies AG

ISC010N06NM5 Datasheet PDF - Infineon Technologies AG
Part # ISC010N06NM5
Download  ISC010N06NM5 Download
File Size   988.7 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM5 Power-Transistor, 60 V

ISC010N06NM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC010N06NM5 Datasheet PDF - Infineon Technologies AG

Part # ISC010N06NM5
Download  ISC010N06NM5 Click to download

File Size   988.7 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM5 Power-Transistor, 60 V

ISC010N06NM5 Datasheet (HTML) - Infineon Technologies AG


ISC010N06NM5 Product details

Features
• Optimized for synchronous rectification
• 100% avalanche tested
• Superior thermal resistance
• N-channel
• 175°C rated
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
• Higher solder joint reliability due to enlarged source interconnection




Similar Part No. - ISC010N06NM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC010N06NM5 INFINEON-ISC010N06NM5 Datasheet
1Mb / 8P
EiceDRIVER™ F3 Enhanced (1ED332x) – Single- channel isolated gate driver family with short-circuit protection
February 2022
ISC010N06NM5 INFINEON-ISC010N06NM5 Datasheet
1Mb / 8P
EiceDRIVER™ F3 Enhanced (1ED332x) – Singlechannel isolated gate driver family with short-circuit protection
More results


Similar Description - ISC010N06NM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD050N10N5 INFINEON-IPD050N10N5 Datasheet
972Kb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2017-01-17
IST011N06NM5 INFINEON-IST011N06NM5 Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2020-11-23
ISC009N06LM5 INFINEON-ISC009N06LM5 Datasheet
933Kb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-08
ISC0702NLS INFINEON-ISC0702NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-08
ISC0703NLS INFINEON-ISC0703NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-15
ISZ034N06LM5 INFINEON-ISZ034N06LM5 Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-12
ISZ0702NLS INFINEON-ISZ0702NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-15
ISZ0703NLS INFINEON-ISZ0703NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-12
BSC012N06NS INFINEON-BSC012N06NS Datasheet
906Kb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev. 2.3, 2020-02-28
IPT009N06NM5 INFINEON-IPT009N06NM5 Datasheet
884Kb / 11P
MOSFET OptiMOSTM5 Power-Transistor, 60 V
Rev. 2.0, 2023-03-27
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com