Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC010N06NM5 Datasheet (PDF) - Infineon Technologies AG

ISC010N06NM5 Datasheet PDF - Infineon Technologies AG
Part # ISC010N06NM5
Download  ISC010N06NM5 Download
File Size   1795.42 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EiceDRIVER™ F3 Enhanced (1ED332x) – Singlechannel isolated gate driver family with short-circuit protection

ISC010N06NM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC010N06NM5 Datasheet PDF - Infineon Technologies AG

Part # ISC010N06NM5
Download  ISC010N06NM5 Click to download

File Size   1795.42 Kbytes
Page   8 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EiceDRIVER™ F3 Enhanced (1ED332x) – Singlechannel isolated gate driver family with short-circuit protection

ISC010N06NM5 Datasheet (HTML) - Infineon Technologies AG


ISC010N06NM5 Product details

Features
 For up to 2300 V IGBTs, SiC and Si MOSFETs
 +6 A / -8.5 A typical sinking and sourcing peak output current
 Precise VCEsat detection (DESAT) with fault output
 Soft turn-off after desaturation detection
 Active Miller Clamp
 40 V absolute maximum output supply voltage
 85 ns propagation delay with 35 ns input filter
 High common-mode transient immunity CMTI >300 kV/μs
 DSO-16 300 mil wide-body package with large creepage distance
(>8 mm)
 Undervoltage lockout (UVLO) protection with hysteresis (for IGBTs
and SiC)

Competitive advantage
 Future-proof output current capability supporting trends towards
higher-power inverters and wide-bandgap devices adoption
 Short-circuit protection for both IGBTs and CoolSIC™. Maintains
systems to be short-circuit proof also with SiC MOSFETs
 Tight part-to-part propagation delay matching enables reducing dead
-time and therefore supports highest system-efficiency

Benefits
 Tight part-to-part propagation delay matching (15 ns. max.) allows
minimum deadtime improving system efficiency and decreasing
harmonic distortion
 UL 1577 VISO = 6.8 kV (rms) for 1 s, 5.7 kV (rms) for 1 min
 IEC 60747-17/VDE 0884-11 with VIORM = 1767 V (peak, reinforced)
 The precise threshold and timings, combined with UL 1577 certification enable superior application safety
 High isolation capability, can be used in 1500 V DC solar inverter
application

Target applications
 Industrial motor drives - compact, standard, premium, servo drives
 Solar inverters, High-voltage isolated DC-DC converters
 UPS systems
 EV charging
 Energy storage systems
 Commercial air-conditioning (CAC)
 Commercial induction cooking
 Commercial and agricultural vehicles (CAV)
 Server and telecom SMPS




Similar Part No. - ISC010N06NM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC010N06NM5 INFINEON-ISC010N06NM5 Datasheet
988Kb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev. 2.0, 2021-08-27
ISC010N06NM5 INFINEON-ISC010N06NM5 Datasheet
1Mb / 8P
EiceDRIVER™ F3 Enhanced (1ED332x) – Single- channel isolated gate driver family with short-circuit protection
February 2022
More results


Similar Description - ISC010N06NM5

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
C75 WILLOW-C75 Datasheet
613Kb / 2P
Optically Isolated 1.0A with Short-Circuit Protection
logo
Infineon Technologies A...
1ED34X1MC12M INFINEON-1ED34X1MC12M Datasheet
814Kb / 45P
EiceDRIVER??1ED34x1Mc12M Enhanced
v2.1 2021-02-15
1ED38X0MC12M INFINEON-1ED38X0MC12M Datasheet
798Kb / 46P
EiceDRIVER??1ED38x0Mc12M Enhanced
datasheet v2.1 2021-02-15
1EDI3020AS INFINEON-1EDI3020AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3020AS
Rev. 1.01 2021-06-25
1EDI3021AS INFINEON-1EDI3021AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3021AS
Rev. 1.01 2021-06-25
1EDI3023AS INFINEON-1EDI3023AS Datasheet
2Mb / 50P
EiceDRIVER??gate driver 1EDI3023AS
Rev. 1.01 2021-06-25
1EDI3030AS INFINEON-1EDI3030AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3030AS
Rev. 1.01 2021-06-25
1EDI3031AS INFINEON-1EDI3031AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3031AS
Rev. 1.01 2021-06-25
1EDI3033AS INFINEON-1EDI3033AS Datasheet
2Mb / 50P
EiceDRIVER??gate driver 1EDI3033AS
Rev. 1.01 2021-06-25
2EDFX INFINEON-2EDFX Datasheet
1Mb / 41P
EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
Rev. 2.7 2021-09-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com