Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EDFX Datasheet (PDF) - Infineon Technologies AG

2EDFX Datasheet PDF - Infineon Technologies AG
Part # 2EDFX
Download  2EDFX Download
File Size   1538.51 Kbytes
Page   41 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing

2EDFX Datasheet (PDF)

Go To PDF Page Download Datasheet
2EDFX Datasheet PDF - Infineon Technologies AG

Part # 2EDFX
Download  2EDFX Click to download

File Size   1538.51 Kbytes
Page   41 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing

2EDFX Datasheet (HTML) - Infineon Technologies AG


2EDFX Product details

Description
The EiceDRIVER™ 2EDi is a family of fast dual-channel isolated MOSFET gate-driver ICs providing functional
(2EDFx) or reinforced (2EDSx) input-to-output isolation by means of coreless transformer (CT) technology. Due
to high driving current, excellent common-mode rejection and fast signal propagation, 2EDi is particularly well
suited for driving medium- to high-voltage MOSFETs (CoolMOS™, OptiMOS™, CoolSIC™) in fast-switching power
systems.

Features
• 4 A / 8 A or 1 A / 2 A source / sink output current
• Up to 10 MHz PWM switching frequency
• PWM signal propagation delay typ. 37 ns with
– 3 ns channel-to-channel mismatch
– +7/-6 ns propagation delay variance
• Resistor-programmable Dead Time Control (DTC) ranging from 15 ns to 250 ns
• Common Mode Transient Immunity CMTI >150 V/ns
• Fast safety turn-off in case of input side Undervoltage Lockout (UVLO)
• Output supply voltage from 4.5 V to 20 V with 4 V or 8 V UVLO threshold
• Wide temperature operating range TJ = -40°C to +150°C
• RoHS compliant wide /narrow-body (WB/NB) DSO16 and 5mm x 5mm LGA packages
• Fully qualified according to JEDEC for Industrial Applications
Isolation and safety certificates
• 2EDSx with reinforced isolation:
– DIN V VDE V 0884-10 (2006-12) compliant with VIOTM = 8 kVpk and VIOSM = 6.25 kVpk (tested at 10kVpk)
– certified according to UL1577 (Ed. 5) opto-coupler component isolation standard with VISO = 5700 VRMS
– certified according to DIN EN 62368-1 and DIN EN 60950-1 and corresponding CQC certificates
– certified according to EN 61010-1 (reinforced isolation, 300 Vrms mains voltage, overvoltage category III)
– certified according to EN 60601-1 (2 MOPP, 250 Vrms mains voltage, overvoltage category II)
• 2EDFx with functional isolation: Production test with 1.5 kVDC for 10 ms
Potential Applications
• Server, telecom and industrial SMPS
• Synchronous rectification, brick converters, UPS and battery storage
• EV charging industry automation, motor drives and power tools




Similar Part No. - 2EDFX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2EDF7175F INFINEON-2EDF7175F Datasheet
1Mb / 38P
Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
Rev. 2.5 2020-03-17
2EDF7175F INFINEON-2EDF7175F Datasheet
730Kb / 37P
Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
Rev. 2.9 2024-05-16
2EDF7235K INFINEON-2EDF7235K Datasheet
1Mb / 38P
Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
Rev. 2.5 2020-03-17
2EDF7275F INFINEON-2EDF7275F Datasheet
1Mb / 38P
Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
Rev. 2.5 2020-03-17
2EDF7275F INFINEON-2EDF7275F Datasheet
730Kb / 37P
Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
Rev. 2.9 2024-05-16
More results


Similar Description - 2EDFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
logo
Infineon Technologies A...
1EDF5673K INFINEON-1EDF5673K Datasheet
1Mb / 37P
GaN EiceDRIVER??product family Single-channel functional
Rev. 2.10 2019-02-11
2EDF7275F INFINEON-2EDF7275F Datasheet
1Mb / 38P
Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
Rev. 2.5 2020-03-17
1EDI3020AS INFINEON-1EDI3020AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3020AS
Rev. 1.01 2021-06-25
1EDI3021AS INFINEON-1EDI3021AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3021AS
Rev. 1.01 2021-06-25
1EDI3031AS INFINEON-1EDI3031AS Datasheet
2Mb / 49P
EiceDRIVER??gate driver 1EDI3031AS
Rev. 1.01 2021-06-25
1EDN6550B INFINEON-1EDN6550B Datasheet
1Mb / 31P
EiceDRIVER™ 1EDNx550 Single-channel high-side and low-side gate driver with high-CMR TDI inputs
Rev.2.3
1EDN9550B INFINEON-1EDN9550B Datasheet
1Mb / 31P
EiceDRIVER™ 1EDNx550 Single-channel high-side and low-side gate driver with high-CMR TDI inputs
Rev.2.3
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com