Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EDF7275F Datasheet (PDF) - Infineon Technologies AG

2EDF7275F Datasheet PDF - Infineon Technologies AG
Part # 2EDF7275F
Download  2EDF7275F Download
File Size   730.93 Kbytes
Page   37 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing

2EDF7275F Datasheet (PDF)

Go To PDF Page Download Datasheet
2EDF7275F Datasheet PDF - Infineon Technologies AG

Part # 2EDF7275F
Download  2EDF7275F Click to download

File Size   730.93 Kbytes
Page   37 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing

2EDF7275F Datasheet (HTML) - Infineon Technologies AG


2EDF7275F Product details

Description
The EiceDRIVER™ 2EDi is a family of fast dual-channel isolated MOSFET gate-driver ICs providing functional
(2EDFx) or reinforced (2EDSx) input-to-output isolation by means of coreless transformer (CT) technology. Due
to high driving current, excellent common-mode rejection and fast signal propagation, 2EDi is particularly well
suited for driving medium- to high-voltage MOSFETs (CoolMOS™, OptiMOS™, CoolSIC™, CoolGaN™) in fastswitching power systems.

Features
• 4 A/8 A or 1 A/2 A source/sink output current
• Up to 10 MHz PWM switching frequency
• PWM signal propagation delay typ. 37 ns with
– 3 ns channel-to-channel mismatch
– +7/-6 ns propagation delay variance
• Common Mode Transient Immunity CMTI >150 V/ns
• Fast safety turn-off in case of input side Undervoltage Lockout (UVLO)
• Output supply voltage from 4.5 V to 20 V with 4 V or 8 V UVLO threshold
• Wide temperature operating range TJ = -40°C to +150°C
• RoHS compliant wide /narrow-body (WB/NB) DSO16 and 5 mm × 5 mm LGA packages
• Fully qualified according to JEDEC for Industrial Applications




Similar Part No. - 2EDF7275F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2EDF7275F INFINEON-2EDF7275F Datasheet
1Mb / 38P
Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
Rev. 2.5 2020-03-17
2EDF7275F INFINEON-2EDF7275F Datasheet
1Mb / 41P
EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
Rev. 2.7 2021-09-10
More results


Similar Description - 2EDF7275F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
ISO5852S-EP TI1-ISO5852S-EP Datasheet
1Mb / 43P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
ISO5852S-EP TI1-ISO5852S-EP_17 Datasheet
1Mb / 43P
High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver With Split Outputs and Active Protection Features
logo
Infineon Technologies A...
2EDF7275F INFINEON-2EDF7275F Datasheet
1Mb / 38P
Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver
Rev. 2.5 2020-03-17
logo
Texas Instruments
ISO6720-Q1 TI-ISO6720-Q1_V02 Datasheet
4Mb / 54P
ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Digital Isolators with Robust EMC
logo
Infineon Technologies A...
2EDFX INFINEON-2EDFX Datasheet
1Mb / 41P
EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
Rev. 2.7 2021-09-10
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252 Datasheet
839Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
November, 2022 - Rev. 4
logo
BASIC SEMICONDUCTOR
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
logo
ON Semiconductor
NCD57252 ONSEMI-NCD57252_V01 Datasheet
843Kb / 24P
Isolated Dual Channel IGBT/MOSFET Gate Driver
June, 2023 - Rev. 5
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com