Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2264 Datasheet (PDF) - Maxim Integrated Products

MAX2264 Datasheet PDF - Maxim Integrated Products
Part # MAX2264
Download  MAX2264 Download
File Size   419.69 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RF Input/Output Matched for 824MHz to 849MHz Operation

MAX2264 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2264 Datasheet PDF - Maxim Integrated Products

Part # MAX2264
Download  MAX2264 Click to download

File Size   419.69 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description RF Input/Output Matched for 824MHz to 849MHz Operation

MAX2264 Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MAX2264

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2264 MAXIM-MAX2264 Datasheet
183Kb / 16P
2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
MAX2264E/D MAXIM-MAX2264E/D Datasheet
183Kb / 16P
2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
MAX2264EUE MAXIM-MAX2264EUE Datasheet
183Kb / 16P
2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
More results


Similar Description - MAX2264

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM679002A TRIQUINT-TQM679002A_15 Datasheet
75Kb / 1P
Internally matched input/output
logo
Pasternack Enterprises,...
PE15A5028F PASTERNACK-PE15A5028F Datasheet
450Kb / 4P
50 Ohms Input and Output Matched
PE15A5031 PASTERNACK-PE15A5031 Datasheet
694Kb / 7P
50 Ohms Input and Output Matched
PE15A3901 PASTERNACK-PE15A3901 Datasheet
428Kb / 6P
50 Ohm Input and Output Matched
PE15A5033 PASTERNACK-PE15A5033 Datasheet
701Kb / 8P
50 Ohms Input and Output Matched
PE15A3008 PASTERNACK-PE15A3008 Datasheet
596Kb / 5P
50 Ohm Input and Output Matched
PE15A4012 PASTERNACK-PE15A4012 Datasheet
468Kb / 6P
50 Ohm Input and Output Matched
PE15A5006 PASTERNACK-PE15A5006 Datasheet
525Kb / 6P
50 Ohm Input and Output Matched
logo
TriQuint Semiconductor
QPD1014 TRIQUINT-QPD1014 Datasheet
2Mb / 21P
GaN RF Input-Matched Transistor
logo
Advanced Semiconductor
PDFP1000-1215 ASI-PDFP1000-1215 Datasheet
1Mb / 5P
Input and Output Matched to 50 Ohms
REV. B
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com