Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2264 Datasheet (PDF) - Maxim Integrated Products

MAX2264 Datasheet PDF - Maxim Integrated Products
Part # MAX2264
Download  MAX2264 Download
File Size   183.96 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers

MAX2264 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2264 Datasheet PDF - Maxim Integrated Products

Part # MAX2264
Download  MAX2264 Click to download

File Size   183.96 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers

MAX2264 Datasheet (HTML) - Maxim Integrated Products


MAX2264 Product details

General Description
The MAX2264/MAX2265/MAX2266 power amplifiers are designed for operation in IS-98-based CDMA, IS-136-based TDMA, and PDC cellular telephones operating in the 900MHz range. When matched for CDMA operation and biased with margin over the adjacent and alternate channel specification (-45dBc/-56dBc), the amplifiers achieve 28dBm output power with 37% efficiency (MAX2265). At +16dBm output—a very common power level for CDMA phones—the MAX2265 still has 7% efficiency, yielding excellent overall talk time. At the same power level, the MAX2264/MAX2266 have an unprecedented 12%/17% efficiency, while still obtaining 32%/32% efficiency at maximum output power.

Features
♦ Low Average CDMA Current Consumption in
   Typical Urban Scenario
   55mA (MAX2264)
   90mA (MAX2265)
   40mA (MAX2266)
♦ 0.5µA Shutdown Mode Eliminates External
   Supply Switch
♦ ±0.8dB Gain Variation Over Temperature
♦ No External Reference or Logic Interface
   Circuitry Needed
♦ Supply Current and ACPR Margin
   Dynamically Adjustable
♦ +2.7V to +5V Single-Supply Operation
♦ 37% Efficiency at +2.7V Operation

Applications
   Cellular-Band CDMA Dual-Mode Phones
   Cellular-Band PDC Phones
   Cellular-Band TDMA Dual-Mode Phones
   Dual-Mode Phones
   2-Way Pagers
   Power-Amplifier Modules




Similar Part No. - MAX2264

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2264 MAXIM-MAX2264 Datasheet
419Kb / 12P
RF Input/Output Matched for 824MHz to 849MHz Operation
Rev 2; 11/99
MAX2264EVKIT MAXIM-MAX2264EVKIT Datasheet
419Kb / 12P
RF Input/Output Matched for 824MHz to 849MHz Operation
Rev 2; 11/99
More results


Similar Description - MAX2264

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2267 MAXIM-MAX2267 Datasheet
186Kb / 16P
2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1567; Rev 0; 1/00
logo
Motorola, Inc
MHL9838 MOTOROLA-MHL9838 Datasheet
275Kb / 4P
CELLULAR BAND RF LINEAR LDMOS AMPLIFIER
MHL9236 MOTOROLA-MHL9236 Datasheet
277Kb / 4P
CELLULAR BAND RF LINEAR LDMOS AMPLIFIERS
logo
List of Unclassifed Man...
CV110-1 ETC-CV110-1 Datasheet
217Kb / 3P
Cellular-band Single-Branch Downconverter
logo
National Semiconductor ...
LMC6035 NSC-LMC6035 Datasheet
792Kb / 20P
Low Power 2.7V Single Supply CMOS Operational Amplifiers
logo
Freescale Semiconductor...
MHL9236N FREESCALE-MHL9236N Datasheet
75Kb / 5P
Cellular Band RF Linear LDMOS Amplifier
MHL9838N FREESCALE-MHL9838N Datasheet
72Kb / 5P
Cellular Band RF Linear LDMOS Amplifier
logo
Maxim Integrated Produc...
MAX2251 MAXIM-MAX2251 Datasheet
193Kb / 10P
2.8V, Single-Supply, Cellular-Band Linear Power Amplifier
Rev 2; 2/03
logo
ANADIGICS, Inc
AWT6222 ANADIGICS-AWT6222 Datasheet
406Kb / 8P
HELP3TM Tri-band US Cellular/Japan Cellular/IMT UMTS/WCDMA Linear Power Amplifier Module
Rev 2.1
logo
Texas Instruments
LMC6035 TI1-LMC6035 Datasheet
1Mb / 29P
LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com