Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWT6222 Datasheet (PDF) - ANADIGICS, Inc

AWT6222 Datasheet PDF - ANADIGICS, Inc
Part # AWT6222
Download  AWT6222 Download
File Size   406.67 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3TM Tri-band US Cellular/Japan Cellular/IMT UMTS/WCDMA Linear Power Amplifier Module

AWT6222 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWT6222 Datasheet PDF - ANADIGICS, Inc

Part # AWT6222
Download  AWT6222 Click to download

File Size   406.67 Kbytes
Page   8 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3TM Tri-band US Cellular/Japan Cellular/IMT UMTS/WCDMA Linear Power Amplifier Module

AWT6222 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWT6222

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
Rev 2.3
AWT6221R ANADIGICS-AWT6221R Datasheet
583Kb / 8P
HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221RM28P9 ANADIGICS-AWT6221RM28P9 Datasheet
535Kb / 8P
HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
Rev 2.3
AWT6221RM28P9 ANADIGICS-AWT6221RM28P9 Datasheet
583Kb / 8P
HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
AWT6221RM28Q7 ANADIGICS-AWT6221RM28Q7 Datasheet
535Kb / 8P
HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
Rev 2.3
More results


Similar Description - AWT6222

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6252 ANADIGICS-AWT6252 Datasheet
152Kb / 8P
IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
Rev 1.3
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.8
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 1.5
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6221R ANADIGICS-AWT6221R Datasheet
535Kb / 8P
HELP3TM Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
Rev 2.3
AWT6224R ANADIGICS-AWT6224R Datasheet
378Kb / 8P
HELP3TM Dual-band 900 MHz/IMT UMTS 3.4 V HSPA Linear Power Amplifier Module
Rev 2.2
AWT6241 ANADIGICS-AWT6241 Datasheet
2Mb / 12P
HELP3TM UMTS/TD-SCDMA Linear Power Amplifier Module
Rev 2.4
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 2.1
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6221R ANADIGICS-AWT6221R_10 Datasheet
583Kb / 8P
HELP3 Dual-band Cellular/PCS UMTS 3.4 V HSPA Linear Power Amplifier Module
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com